Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 33Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 34Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 35Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 36Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 37Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 38Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 39Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 40Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 37 of 69
7 Speaker
7.1 Speaker lines characteristics and
requirements
The Telit GE863-QUAD provides two audio paths for both the microphone and the earpiece: the
internal and the external audio paths. Only one of the two paths can be active at a time and it is
selectable by hardware line AXE or by AT command. The audio characteristics of the two paths
are slightly different and this should be kept in mind when designing your application. The
internal audio path should be used for handset function, while the external audio path is suited
for hands free function (car kit).
Both speaker outputs from the Telit GE863-QUAD are bridged type and the OEM circuitry shall
be designed bridged to reduce the common mode noise typically generated on the ground plane
and to get the maximum power output from the device; however for particular OEM application
needs also a single ended circuitry can be designed.
The GE863-QUAD speaker output lines characteristics are:
internal speaker path ( EAR_MT+ , EAR_MT- )
• line coupling:
DC
• line type:
bridged
• speaker impedance (operating conditions):
≥ 16 Ω ± 5% @ 1kHz
• minimum load impedance:
15 Ω
• signal bandwidth:
150 - 8000 Hz @ -3 dB
• maximum differential output:
850 mVrms
• rated output power:
10 mW
• maximum power output:
30 mW
• volume level steps (SW):
- 2 dB
• number of volume steps(SW):
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com