Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 27Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 28Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 29Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 30Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 31Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 32Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 33Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 34Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 31 of 69
6.3.2
Unbalanced Microphone biasing
The unbalanced microphone biasing voltage should be obtained from a dedicated voltage
regulator, in order to eliminate the noise present on the power lines. This regulator can be the
same for all the audio paths. The microphone should be supplied from a capacitor multiply
circuit.
For example a circuit for the unbalanced microphone biasing can be:
NOTE: In the unbalanced application the capacitor C3 shall be > 200nF otherwise the frequency
response will be cut at low band frequencies (down to 300Hz). This capacitor can be placed close to
the MIC- pad (EXT_MIC- or INT_MIC- depending on the audio path chosen) or if possible it should
be placed close to the shielded cable connector. If the ground return path is well designed, then it
is possible to eliminate the C3 capacitor, provided the buffer is close to the mic. input.
NOTE: The cable to the microphone should be shielded.
NOTE: The microphone sensitivity changes with the value of R2. Usually the microphones are
characterized with 2kΩ biasing resistance, so try to keep the value of R2 around 2kΩ. For mic.
characteristics refer to the manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com