Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 36Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 37Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 38Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 39Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 40Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 41Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 42Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 43Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 40 of 69
7.2.1
Noise Filtering
The I/O of the PCB should have a noise filter close to the connector, to filter the high frequency
GSM noise. The filter can be a Π of 2 capacitor and a inductance, with the one capacitor of 39pF
- 0603 case , and the other capacitor of 1nF - 0603; the inductance shall have a value of 39μH .
7.3 Handset earphone design
As seen previously, a 16Ω speaker can be directly connected to the output pads EAR_MT+ and
EAR_MT- of the GE863-QUAD.
This solution is often the more cost effective, reducing the components count to a minimum.
There are several limitations to the use of this solution: speaker direct connect imposes the
speaker characteristics to be almost exactly the suggested ones, otherwise the power output may
be reduced (if speaker impedance is bigger than 16Ω) or the GE863-QUAD ear port may be
damaged (if speaker impedance is less than 15Ω).
The other limitation of the speaker direct connection is the power output capability of the
GE863-QUAD which is limited and for some particular applications may not be enough.
For these reasons, when the power output of the GE863-QUAD is not enough or if the speaker
characteristics are different from the suggested, then it is preferable to use an amplifier to
increase the power and current output capabilities.
Again the output from the GE863-QUAD is bridged and both lines should be used, where
possible, as inputs to the power amplifier. This ensures a higher common mode rejection ratio,
reducing the GSM current busts noise on the speaker output.
In this case the EAR_MT lines from the GE863-QUAD should be AC coupled with a capacitor
of 100nF.
It is always desirable to have a mute control on the amplifier, in order to turn it off while the
device is not sending signal to the output, in this manner the amplifier background noise which
may be audible during idle conditions is cut off.
A principle schematic may be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com