Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 10Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 11Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 12Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 13Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 14Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 15Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 16Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 17Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 14 of 69
important. It must be ensured that the maximum battery voltage is never exceeded, otherwise the
battery may be damaged and even explode. Moreover for the constant voltage final chargers, the
constant voltage phase (final charge) must not start before the battery voltage has reached its
maximum value, otherwise the battery capacity will be highly reduced.
The final charge can be of two different types: constant voltage or pulsed. GE863-QUAD uses
constant voltage.
The constant voltage charge proceeds with a fixed voltage regulator (very accurately set to the
maximum battery voltage) and hence the current will decrease while the battery is becoming
charged. When the charging current falls below a certain fraction of the fast charge current value,
then the battery is considered fully charged, the final charge stops and eventually starts the
maintenance.
The pulsed charge process has no voltage regulation, instead the charge continues with pulses.
Usually the pulse charge works in the following manner: the charge is stopped for some time,
let's say few hundreds of ms, then the battery voltage will be measured and when it drops below
its maximum value a fixed time length charging pulse is issued. As the battery approaches its full
charge the off time will become longer, hence the duty-cycle of the pulses will decrease. The
battery is considered fully charged when the pulse duty-cycle is less than a threshold value,
typically 10%, the pulse charge stops and eventually the maintenance starts.
The last phase is not properly a charging phase, since the battery at this point is fully charged and
the process may stop after the final charge. The maintenance charge provides an additional
charging process to compensate for the charge leak typical of a Li-Ion battery. It is done by
issuing pulses with a fixed time length, again few hundreds of ms, and a duty-cycle around 5%
or less.
This last phase is not implemented in the GE863-QUAD internal charging algorithm, so that the
battery once charged is left discharging down to a certain threshold so that it is cycled from full
charge to slight discharge even if the battery charger is always inserted. This guarantees that
anyway the remaining charge in the battery is a good percentage and that the battery is not
damaged by keeping it always fully charged (Li-Ion rechargeable battery usually deteriorate
when kept fully charged).
Last but not least, in some applications it is highly desired that the charging process restarts
when the battery is discharged and its voltage drops below a certain threshold, GE863-QUAD
internal charger does it.
As you can see, the charging process is not a trivial task to be done; moreover all these
operations should start only if battery temperature is inside a charging range, usually 5°C - 45°C.
The GE863-QUAD measures the temperature of its internal component, in order to satisfy this
last requirement, it's not exactly the same as the battery temperature but in common application
the two temperature should not differ too much and the charging temperature range should be
guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com