Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 16Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 17Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 18Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 19Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 20Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 21Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 22Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 23Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 20 of 69
5 Serial Port
The serial port on the Telit GE863-QUAD is the core of the interface between the module and
OEM hardware. Several configurations can be designed for the serial port on the OEM hardware,
but the most common are:
- RS232 PC com port
- microcontroller UART @ 2.8V - 3V (Universal Asynchronous Receive Transmit)
- microcontroller UART@ 5V or other voltages different from 2.8V
Depending from the type of serial port on the OEM hardware a level translator circuit may be
needed to make the system work. The only configuration that doesn't need a level translation is
the 2.8V UART.
The serial port on the GE863-QUAD is a +2.8V UART with all the 7 RS232 signals. It differs
from the PC-RS232 in the signal polarity (RS232 is reversed) and levels. The levels for the
GE863-QUAD UART are the CMOS levels:
Absolute Maximum Ratings -Not Functional
Parameter
Min
Max
Input level on any
digital pad when on
-0.3V
+3.75V
Input voltage on
analog pads when on
-0.3V
+3.0 V
Operating Range - Interface levels (2.8V CMOS)
Level
Min
Max
Input high level VIH 2.1V
3.3V
Input low level
VIL 0V
0.5V
Output high level VOH 2.2V
3.0V
Output low level VOL 0V
0.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com