Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 18Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 19Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 20Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 21Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 22Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 23Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 24Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 25Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 22 of 69
5.1RS232 level translation
In order to interface the Telit GE863-QUAD with a PC com port or a RS232 (EIA/TIA-232)
application a level translator is required. This level translator must
- invert the electrical signal in both directions
- change the level from 0/3V to +15/-15V
Actually, the RS232 UART 16450, 16550, 16650 & 16750 chipsets accept signals with lower
levels on the RS232 side (EIA/TIA-562) , allowing for a lower voltage-multiplying ratio on the
level translator. Note that the negative signal voltage must be less than 0V and hence some sort
of level translation is always required.
The simplest way to translate the levels and invert the signal is by using a single chip level
translator. There are a multitude of them, differing in the number of driver and receiver and in
the levels (be sure to get a true RS232 level translator not a RS485 or other standards).
By convention the driver is the level translator from the 0-3V UART level to the RS232 level,
while the receiver is the translator from RS232 level to 0-3V UART.
In order to translate the whole set of control lines of the UART you will need:
- 5 driver
- 3 receiver
NOTE: The digital input lines working at 2.8VCMOS have an absolute maximum input voltage of
3,75V; therefore the level translator IC shall not be powered by the +3.8V supply of the module.
Instead it shall be powered from a +2.8V / +3.0V (dedicated) power supply.
This is because in this way the level translator IC outputs on the module side (i.e. GE863-QUAD
inputs) will work at +3.8V interface levels, stressing the module inputs at its maximum input
voltage.
This can be acceptable for evaluation purposes, but not on production devices.
NOTE: In order to be able to do in circuit reprogramming of the GE863-QUAD firmware, the serial
port on the Telit GE863-QUAD shall be available for translation into RS232 and either it's controlling
device shall be placed into tristate, disconnected or as a gateway for the serial data when module
reprogramming occurs.
Only RXD, TXD, GND and the On/off module turn on pad are required to the reprogramming of the
module, the other lines are unused.
All applicator shall include in their design such a way of reprogramming the GE863-QUAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com