Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 4Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 5Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 6Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 7Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 8Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 9Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 10Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 11Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 8 of 69
2.2 Turning OFF the GE863-QUAD
The turning off of the device can be done in three ways:
• by software command (see GE863-QUAD Software User Guide)
• by hardware shutdown
When the device is shut down by software command or by hardware shutdown, it issues to the
network a detach request that informs the network that the device will not be reachable any
more.
2.2.1
Hardware shutdown
To turn OFF the GE863-QUAD the pad ON# must be tied low for at least 1 second and then
released.
The same circuitry and timing for the power on shall be used.
The device shuts down after the release of the ON# pad.
TIP: To check if the device has powered off, the hardware line PWRCTL should be monitored. When
PWRCTL goes low, the device has powered off.
2.3 Hardware Unconditional Reboot
To unconditionally Reboot the GE863-QUAD, the pad RESET# must be tied low for at least 200
milliseconds and then released.
The maximum current that can be drained from the ON# pad is 0,15 mA.
A simple circuit to do it is:
RESET#
Unconditional Reboot
impulse
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com