Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 44Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 45Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 46Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 47Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 48Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 49Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 50Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 51Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 48 of 69
9.2Transchip Camera
The GE863-QUAD provides a direct support for Transchip digital cameras with the following
characteristics:
9.2.1
Camera interface connectors
The ballout of the module and a 24 pins ZIF connector for the CMOS camera provide the
interface connection between GE863-QUAD and Transchip camera.
GE863-QUAD signal
TC5747MF24L
Pin
Signal
I/O
Notes
Pin
Signal
I/O
55
GPIO3
O
I2C bus serial clock
1
SCLK
I
8-17…
GND
Ground
2
AGND
I
31
VAUX
O
Power Supply
3
AVDD28*
I
5
GPIO9
O
Camera Reset
4
RESET_N
I
7
MON1_CAM
O
Clock
5
CLK_IN**
I
8-17…
GND
Ground
6
DGND
I
n.c
n.c.
7
DOUT_0
I/O
n.c
n.c.
8
DOUT_1
I/O
n.c
n.c.
9
DOUT_2
I/O
n.c
n.c.
10
DOUT_3
I/O
n.c
n.c.
11
DOUT_4
I/O
n.c
n.c.
12
DOUT_5
I/O
n.c
n.c.
13
DOUT_6
I/O
n.c
n.c.
14
DOUT_7
I/O
n.c
n.c.
15
DOUT_8
I/O
n.c
n.c.
16
VCLKOUT
O
n.c
n.c.
17
VALIDH
O
n.c
n.c.
18
VALIDV
O
Type:
TRANSCHIP TC5747
Technology:
CMOS COLOR camera
Max picture size:
VGA 480x640 pixels landscape
Output format:
JPEG
Sensitivity:
4 Lux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com