Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 30Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 31Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 32Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 33Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 34Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 35Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 36Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 37Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 34 of 69
6.4.2
Buffered Unbalanced (Single Ended) Mic.
A sample schematic for a buffered unbalanced (single ended) microphone can be:
The schematic does not include the required mic. biasing circuitry. For the biasing the same
circuit as seen before can be used; to be noticed that the capacitor C3 on the unbalanced biasing
circuit is not anymore needed if this Buffered design is used.
Two different configurations are used, one inverting and the other not inverting, hence an
additional +6dB (2 times) gain is achieved by doubling the mic. signal path.
The gain of the not inverting buffer is given by the formula:
720
719
1
R
R
Gain
+
=
and hence it cannot be less than 1. In the example shown the gain of the not inverting buffer is
1,5 (4dB).
While the gain of the inverting buffer is given by the formula:
708
711
R
R
Gain
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com