Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 40Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 41Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 42Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 43Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 44Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 45Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 46Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 47Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 44 of 69
8 General Purpose I/O
The general purpose I/O pads can be configured to act in three different ways:
-
input
-
output
-
alternate function (internally controlled)
Input pads can only be read and report the digital value (high or low) present on the pad at the
read time; output pads can only be written or queried and set the value of the pad output; an
alternate function pad is internally controlled by the GE863-QUAD firmware and acts depending
on the function implemented.
Not all GPIO pads support all these three modes:
-
GPIO5 supports all three modes and can be input, output, RFTX monitor output (Alternate
function)
-
GPIO6 supports all three modes and can be input, output, alarm output (Alternate function)
-
GPIO7 supports all three modes and can be input, output, buzzer output (Alternate function)
All GPIO pads are 2.8V CMOS signals and their interface levels are the same specified in the
paragraph 4 .
8.1 Using a GPIO pad as INPUT
The GPIO pads, when used as inputs, can be connected to a digital output of another device and
report its status, provided this device has interface levels compatible with the 2.8V CMOS levels
of the GPIO.
If the digital output of the device to be connected with the GPIO input pad has interface levels
different from the 2.8V CMOS, then it can be connected to GPIO1 or can be buffered with an
open collector transistor, provided a 47KΩ pull-up resistor is connected as seen in the paragraph
5.2 5V UART level translation.
8.2 Using a GPIO pad as OUTPUT
The GPIO pads, when used as outputs, can drive 2.8V CMOS digital devices or compatible
hardware. When set as outputs, the pads have a push-pull output and therefore the pull-up
resistor may be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com