Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 24Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 25Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 26Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 27Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 28Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 29Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 30Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 31Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 28 of 69
10dB lower with respect to the calculated value for a nominal sensitivity. The corresponding
reduction in signal level will be compensated by an increased voice volume of the talker which
will speak louder because of the ambient noise.
For the headset we shall distinguish two different types: the headsets having the microphone
sustained close to the mouth and the headsets having the microphone on the earpiece cable.
The same considerations for the additional voice attenuation due to the distance from the
microphone and the noise pick up can be made for the headset having the microphone on the
earpiece cable, while the other kind of headset shall be threaten as an handset.
For example:
With the external mic. having the suggested nominal sensitivity -45dBVrms/Pa
at the "normal spoken" conditions: -4.7dB Pa at 7 cm from the mouth of the talker and with a
further attenuation of 20dB due to the distance from the microphone (about 50 cm).
At that acoustic pressure the voltage output from the microphone is:
Voltage Output (dB) = ( -45) + (-4.7) - 20 = -69.7 dBVrms
corresponding to:
Voltage Output = 10 ( -69.7 / 20 ) = 3.3* 10 -4 Vrms
by having the microphone gain set to +10 dB (corresponding to 3 times) the signal in the
nominal conditions on the input external mic. pads of the GE863-QUAD will be:
Voltage @ GE863-QUAD__extmic = 3.3 * 10 -4 * 3 = 1 mVrms
Hence in these conditions the signal level on the input pads of the external mic. of the GE863-
QUAD is 10 dB (3 times) lower than the nominal, as suggested.
The microphones usually need a biasing network that provides the necessary DC current to the
mic., this will be explained further on.
In the EVK all the microphone input jacks have the hot wire connected to the central pole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com