Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GE863 Datasheet HTML 1Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 2Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 3Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 4Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 5Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 6Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 7Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 8Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 2 of 69
Contents
1
OVERVIEW
5
2
HARDWARE COMMANDS
6
2.1
Turning ON the GE863-QUAD
6
2.2
Turning OFF the GE863-QUAD
8
2.2.1
Hardware shutdown
8
2.3
Hardware Unconditional Reboot
8
3
POWER SUPPLY
10
3.1
Power Supply Requirements
10
3.2
General Design Rules
10
3.2.1
Electrical design Guidelines
11
3.2.1.1
+ 5V input Source Power Supply Design Guidelines
11
3.2.1.2
+ 12V input Source Power Supply Design Guidelines
12
3.2.1.3
Battery Source Power Supply Design Guidelines
13
3.2.1.4
Battery Charge control Circuitry Design Guidelines
13
3.2.2
Thermal Design Guidelines
15
3.2.3
Power Supply PCB layout Guidelines
16
4
ANTENNA
17
4.1
Antenna Requirements
17
4.2
Antenna PCB line Guidelines
18
4.3
Antenna installation Guidelines
19
5
SERIAL PORT
20
5.1
RS232 level translation
22
5.2
5V UART level translation
24
6
MICROPHONE
26
6.1
Microphone line Characteristic and requirements
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com