Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 31Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 32Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 33Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 34Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 35Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 36Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 37Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 38Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 35 of 69
As shown in the balanced buffered mic. the gain adjustments can be done by changing R719 -
R720 and R708 - R711 and as a consequence the capacitors C726 and C727.
The bandwidth (-3dB) is given by the approximated formula (considering C725 >> C726) :
727
*
711
*
2
1
726
*
719
*
2
1
.
C
R
C
R
freq
π
π
=
=
[Hz]
The buffer bandwidth at -3dB shall be 8kHz.
Note that the biasing of the operational amplifier is given for the inverting amplifier by the series
divider R714-R715. The 100nF capacitor C719 is needed to filter the noise that could be coupled
to that divider. For the not inverting operational the biasing is given by a different divider R715-
R717 with the capacitor C720 and through a series resistor R718 of 470KΩ.
For example:
- Let's assume you have a microphone with these characteristics:
- sensitivity -45 dBVrms/Pa
and you want to use it in the external mic. audio path.
With the mic. having nominal sensitivity
-45dBVrms/Pa at the "normal spoken" conditions: -
4.7dB Pa but at 50 cm from the mouth of the talker an additional 20 dB loss shall be considered.
At that acoustic pressure the voltage output from the microphone is:
Mic Voltage Output (dB) = ( -45) + (-4.7) -20 = -69.7 dBVrms
corresponding to:
Mic_Voltage_Output = 10 ( -69.7 / 20 ) = 3.3* 10 -4 Vrms
in order to have a signal of 1 mVrms (10 dB lower than the nominal input for the GE863-QUAD
external mic. path) on the GE863-QUAD internal mic. inputs then the buffer must have a gain
of:
Voltage @ GE863-QUAD_intmic/ Mic_Voltage_Output = (1 * 10 -3 )/( 3.3 * 10 -4 ) = 3
Hence in these conditions the signal level on the input pads of the internal mic. of the GE863-
QUAD is 10 dB (3 times) higher than the microphone output and therefore the buffer has to gain
10 dB.
To calculate the resistor values it must be kept in mind that balancing the line will double the
signal and hence already add +6 dB, therefore the buffer must gain only 1.5 times.
The corresponding values for the resistors on the buffer could be ( if we keep the input resistance
10kΩ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com