Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 28Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 29Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 30Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 31Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 32Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 33Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 34Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 35Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 32 of 69
6.4 Microphone buffering
As seen previously, a microphone shall be connected to the input pads of the GE863-QUAD
through a buffer amplifier that boosts the signal level to the required value.
Again the buffered microphone circuitry can be balanced or unbalanced. Where possible it is
always preferable a balanced mic. solution. The buffering circuit shall be placed close to the
microphone or close to the microphone wire connector.
6.4.1
Buffered Balanced Mic.
A sample circuit can be:
This circuit has a gain of 15 times (+24 dB), and is therefore suited for the internal mic. input,
having a microphone with a sensitivity close to the suggested one (-45 dBVrms/Pa), if the used
microphone has a different sensitivity, or if the buffer is connected to the external mic. input,
then a gain adjustment shall be done by changing resistors R604-R605 and R606-R607 and as a
consequence the capacitors C636 and C637 to maintain the bandwidth 150-8000 (-3dB).
The buffer gain is given by the formula:
607
606
605
604
R
R
R
R
Gain
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com