Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 3 Page - Texas Instruments

  LM74700MDDFREP Datasheet HTML 1Page - Texas Instruments LM74700MDDFREP Datasheet HTML 2Page - Texas Instruments LM74700MDDFREP Datasheet HTML 3Page - Texas Instruments LM74700MDDFREP Datasheet HTML 4Page - Texas Instruments LM74700MDDFREP Datasheet HTML 5Page - Texas Instruments LM74700MDDFREP Datasheet HTML 6Page - Texas Instruments LM74700MDDFREP Datasheet HTML 7Page - Texas Instruments LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
4
2
7
3
5
1
6
8
N.C
ANOD E
GATE
VCAP
CATHODE
EN
GND
N.C
Figure 5-1. DDF Package 8-Pin SOT-23 Top View
Table 5-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
EN
I
Enable pin. Can be connected to ANODE for always ON operation.
2
GND
G
Ground pin
3
N.C
No connection. Keep this pin floating.
4
VCAP
O
Charge pump output. Connect to external charge pump capacitor.
5
ANODE
I
Anode of the diode and input power. Connect to the source of the external N-channel
MOSFET.
6
GATE
O
Gate drive output. Connect to gate of the external N-channel MOSFET.
7
N.C
No connection. Keep this pin floating.
8
CATHODE
I
Cathode of the diode. Connect to the drain of the external N-channel MOSFET.
(1)
I = Input, O = Output, G = GND
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com