Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 11Page - Texas Instruments LM74700MDDFREP Datasheet HTML 12Page - Texas Instruments LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LM74700-EP is used with N-Channel MOSFET controller in a typical reverse polarity protection application.
The schematic for the 12-V battery protection application is shown in Figure 9-1, where the LM74700-EP is used
in series with a battery to drive the MOSFET Q1. The TVS is not required for the LM74700-EP to operate, but
they are used to clamp the positive and negative voltage surges. The output capacitor, COUT, is recommended to
protect the immediate output voltage collapse as a result of line disturbance.
9.2 Typical Application
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
VBAT
TVS
Voltage
Regulator
CIN
VCAP
Q1
COUT
Figure 9-1. Typical Application Circuit
9.2.1 Design Requirements
A design example, with system design parameters, is listed in Table 9-1.
Table 9-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
12-V battery, 12-V nominal with 3.2-V cold crank and 35-V load
dump
Output voltage
3.2 V during cold crank to 35-V load dump
Output current range
3-A nominal, 6-A maximum
Output capacitance
1-µF minimum, 220-µF typical hold up capacitance
Automotive EMC compliance
ISO 7637-2 and ISO 16750-2
9.2.2 Detailed Design Procedure
9.2.2.1 Design Considerations
• Input operating voltage range, including cold crank and load dump conditions
• Nominal load current and maximum load current
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com