Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 5 Page - Texas Instruments

  LM74700MDDFREP Datasheet HTML 1Page - Texas Instruments LM74700MDDFREP Datasheet HTML 2Page - Texas Instruments LM74700MDDFREP Datasheet HTML 3Page - Texas Instruments LM74700MDDFREP Datasheet HTML 4Page - Texas Instruments LM74700MDDFREP Datasheet HTML 5Page - Texas Instruments LM74700MDDFREP Datasheet HTML 6Page - Texas Instruments LM74700MDDFREP Datasheet HTML 7Page - Texas Instruments LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
LM74700-EP
UNIT
DDF (SOT)
8 PINS
RθJA
Junction-to-ambient thermal resistance
189.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
103.8
°C/W
RθJB
Junction-to-board thermal resistance
45.8
°C/W
ΨJT
Junction-to-top characterization parameter
19.4
°C/W
ΨJB
Junction-to-board characterization parameter
45.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
TJ = –55°C to +125°C; typical values at TJ = 25°C, V(ANODE) = 12 V, C(VCAP) = 0.1 µF, V(EN) = 3.3 V, over operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VANODE SUPPLY VOLTAGE
V(ANODE)
Operating input voltage
4
60
V
V(ANODE POR)
VANODE POR Rising threshold
3.9
V
VANODE POR Falling threshold
2.2
2.8
3.1
V
V(ANODE POR(Hys))
VANODE POR Hysteresis
0.39
0.7
V
I(SHDN)
Shutdown Supply Current
V(EN) = 0 V
0.9
1.5
µA
I(Q)
Operating Quiescent Current
80
140
µA
VANODE = 28 V
80
150
µA
ENABLE INPUT
V(EN_IL)
Enable input low threshold
0.5
0.9
1.22
V
V(EN_IH)
Enable input high threshold
1.06
2
2.6
V(EN_Hys)
Enable Hysteresis
0.52
1.42
V
I(EN)
Enable sink current
V(EN) = 12 V
3
5
µA
VANODE to VCATHODE
V(AK REG)
Regulated Forward V(AK) Threshold
13
20
30
mV
VANODE = 28 V
13
20
30
mV
V(AK)
V(AK) threshold for full conduction
mode
34
55
70
mV
V(AK REV)
V(AK) threshold for reverse current
blocking
–17
–11
–5
mV
VANODE = 28 V
–17
–11
–5
mV
Gm
Regulation Error AMP
Transconductance(1)
440
1800
4900
µA/V
GATE DRIVE
I(GATE)
Peak source current
V(ANODE) – V(CATHODE) = 100 mV,
V(GATE) – V(ANODE) = 5 V
3
11
mA
Peak sink current
V(ANODE) – V(CATHODE) = –20 mV,
V(GATE) – V(ANODE) = 5 V
2370
mA
Regulation max sink current
V(ANODE) – V(CATHODE) = 0 V,
V(GATE) – V(ANODE) = 5 V
2
26
µA
RDSON
discharge switch RDSON
V(ANODE) – V(CATHODE) = –20 mV,
V(GATE) – V(ANODE) = 100 mV
0.4
2
Ω
CHARGE PUMP
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com