Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments LM74700MDDFREP Datasheet HTML 20Page - Texas Instruments LM74700MDDFREP Datasheet HTML 21Page - Texas Instruments LM74700MDDFREP Datasheet HTML 22Page - Texas Instruments LM74700MDDFREP Datasheet HTML 23Page - Texas Instruments LM74700MDDFREP Datasheet HTML 24Page - Texas Instruments LM74700MDDFREP Datasheet HTML 25Page - Texas Instruments LM74700MDDFREP Datasheet HTML 26Page - Texas Instruments LM74700MDDFREP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
11 Layout
11.1 Layout Guidelines
• Connect ANODE, GATE and CATHODE pins of LM74700-EP close to the MOSFET's SOURCE, GATE and
DRAIN pins.
• The high current path for this solution is through the MOSFET. Therefore, it is important to use thick traces for
source and drain of the MOSFET to minimize resistive losses.
• The charge pump capacitor across VCAP and ANODE pins must be kept away from the MOSFET to lower
the thermal effects on the capacitance value.
• The Gate pin of the LM74700-EP must be connected to the MOSFET gate with short trace. Avoid excessively
thin and long trace to the Gate Drive.
• Keep the GATE pin close to the MOSFET to avoid increase in MOSFET turn-off delay due to trace
resistance.
• Obtaining acceptable performance with alternate layout schemes is possible. However, the layout shown in
Figure 11-1 is intended as a guideline.
11.2 Layout Example
VOUT
GND PLANE
VIN
COUT
CIN
CVCAP
Signal Via
Power Via
Top layer
MOSFET DRAIN
MOSFET SOURCE
Figure 11-1. LM74700-EP DDF Package Layout Example
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com