Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 12Page - Texas Instruments LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments LM74700MDDFREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
9.2.2.2 MOSFET Selection
The important MOSFET electrical parameters are the maximum continuous drain current, ID, the maximum
drain-to-source voltage, VDS(MAX), and the maximum source current through body diode and the drain-to-source
On resistance RDSON.
The maximum continuous drain current, ID, rating must exceed the maximum continuous load current. The
maximum drain-to-source voltage, VDS(MAX), must be high enough to withstand the highest differential voltage
seen in the application. This would include any anticipated fault conditions. TI recommends to use MOSFETs
with voltage rating up to 60-V maximum with the LM74700-EP because anode-cathode maximum voltage is 65
V. The maximum VGS LM74700-EP can drive is 13 V, so a MOSFET with 15-V minimum VGS must be selected.
If a MOSFET with < 15-V VGS rating is selected, a zener diode can be used to clamp VGS to safe level. During
startup, inrush current flows through the body diode to charge the bulk hold-up capacitors at the output. The
maximum source current through the body diode must be higher than the inrush current that can be seen in the
application.
To reduce the MOSFET conduction losses, lowest possible RDS(ON) is preferred, but selecting a MOSFET
based on low RDS(ON) can not always be beneficial. Higher RDS(ON) will provide increased voltage information to
LM74700-EP's reverse comparator at a lower reverse current. Reverse current detection is better with increased
RDS(ON). TI recommends to operate the MOSFET in regulated conduction mode during nominal load conditions
and select RDS(ON), such that at nominal operating current, forward voltage drop VDS is close to 20-mV regulation
point and not more than 50 mV.
As a guideline, TI suggests to choose (20 mV / ILoad(Nominal)) ≤ RDS(ON) ≤ ( 50 mV / ILoad(Nominal)).
MOSFET manufacturers usually specify RDS(ON) at 4.5-V VGS and 10-V VGS. RDS(ON) increases drastically
below 4.5-V VGS and RDS(ON) is highest when VGS is close to MOSFET Vth. For stable regulation at light load
conditions, TI recommends to operate the MOSFET close to 4.5-V VGS, that is, much higher than MOSFET gate
threshold voltage. TI recommends to choose MOSFET gate threshold voltage Vth of 2-V to 2.5-V maximum.
Choosing a lower Vth MOSFET also reduces the turn ON time.
Based on the design requirements, preferred MOSFET ratings are:
• 60-V VDS(MAX) and ±20-V VGS(MAX)
• RDS(ON) at 3-A nominal current: (20 mV / 3A ) ≤ RDS(ON) ≤ ( 50 mV / 3A ) = 6.67 mΩ ≤ RDS(ON) ≤ 16.67 mΩ.
• MOSFET gate threshold voltage Vth: 2-V maximum
DMT6007LFG MOSFET from Diodes Inc. is selected to meet this 12-V reverse battery protection design
requirements and it is rated at:
• 60-V VDS(MAX) and ±20-V VGS(MAX)
• RDS(ON) 6.5-mΩ typical and 8.5-mΩ maximum rated at 4.5-V VGS
• MOSFET Vth: 2-V maximum
Thermal resistance of the MOSFET must be considered against the expected maximum power dissipation in the
MOSFET to ensure that the junction temperature (TJ) is well controlled.
9.2.2.3 Charge Pump VCAP, input and output capacitance
Minimum required capacitance for charge pump VCAP and input and output capacitance are:
• VCAP: Minimum 0.1 µF is required; recommended value of VCAP (µF) ≥ 10 × CISS(MOSFET)(µF)
• CIN: minimum 22 nF of input capacitance
• COUT: minimum 100 nF of output capacitance
9.2.3 Selection of TVS Diodes for 12-V Battery Protection Applications
TVS diodes are used in automotive systems for protection against transients. In the 12-V battery protection
application circuit shown in Figure 9-2, a bi-directional TVS diode is used to protect from positive and negative
transient voltages that occur during normal operation of the car and these transient voltage levels, and pulses
are specified in ISO 7637-2 and ISO 16750-2 standards.
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com