Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments LM74700MDDFREP Datasheet HTML 20Page - Texas Instruments LM74700MDDFREP Datasheet HTML 21Page - Texas Instruments LM74700MDDFREP Datasheet HTML 22Page - Texas Instruments LM74700MDDFREP Datasheet HTML 23Page - Texas Instruments LM74700MDDFREP Datasheet HTML 24Page - Texas Instruments LM74700MDDFREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Time (4 ms/DIV)
Figure 9-16. ORing – VIN2 Failure and Switch Over
to VIN1
Time (10 ms/DIV)
Figure 9-17. ORing - VIN2 Failure and Switch Over
to VIN1
9.3 OR-ing Application Configuration
Basic redundant power architecture comprises of two or more voltage or power supply sources driving a single
load. In its simplest form, the OR-ing solution for redundant power supplies consists of Schottky OR-ing diodes
that protect the system against an input power supply fault condition. A diode OR-ing device provides effective
and low cost solution with few components. However, the diodes forward voltage drops affects the efficiency of
the system permanently, since each diode in an OR-ing application spends most of its time in forward conduction
mode. These power losses increase the requirements for thermal management and allocated board space.
The LM74700-EP ICs combined with external N-Channel MOSFETs can be used in OR-ing Solution as shown in
Figure 9-18. The forward diode drop is reduced as the external N-Channel MOSFET is turned ON during normal
operation. LM74700-EP quickly detects the reverse current, pulls down the MOSFET gate fast, leaving the body
diode of the MOSFET to block the reverse current flow. An effective OR-ing solution needs to be extremely fast
to limit the reverse current amount and duration. The LM74700-EP devices in OR-ing configuration constantly
sense the voltage difference between Anode and Cathode pins, which are the voltage levels at the power
sources (VIN1, VIN2) and the common load point respectively. The source to drain voltage VDS for each MOSFET
is monitored by the Anode and Cathode pins of the LM74700-EP. A fast comparator shuts down the Gate
Drive through a fast pull-down within 0.45 μs (typical) as soon as V(IN) – V(OUT) falls below –11 mV. The fast
comparator turns on the Gate with 11-mA gate charge current once the differential forward voltage V(IN) – V(OUT)
exceeds 50 mV.
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com