Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments LM74700MDDFREP Datasheet HTML 10Page - Texas Instruments LM74700MDDFREP Datasheet HTML 11Page - Texas Instruments LM74700MDDFREP Datasheet HTML 12Page - Texas Instruments LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
8.3 Feature Description
8.3.1 Input Voltage
The ANODE pin is used to power the LM74700-EP's internal circuitry, typically drawing 80 µA when enabled
and 1 µA when disabled. If the ANODE pin voltage is greater than the POR Rising threshold, then LM74700-EP
operates in either shutdown mode or conduction mode in accordance with the EN pin voltage. The voltage from
ANODE to GND is designed to vary from 65 V to –65 V, allowing the LM74700-EP to withstand negative voltage
transients.
8.3.2 Charge Pump
The charge pump supplies the voltage necessary to drive the external N-channel MOSFET. An external charge
pump capacitor is placed between VCAP and ANODE pins to provide energy to turn on the external MOSFET.
In order for the charge pump to supply current to the external capacitor the EN pin voltage must be above
the specified input high threshold, V(EN_IH). When enabled the charge pump sources a charging current of
300-µA typical. If EN pins is pulled low, then the charge pump remains disabled. To ensure that the external
MOSFET can be driven above its specified threshold voltage, the VCAP to ANODE voltage must be above the
undervoltage lockout threshold, typically 6.5 V, before the internal gate driver is enabled. Use Equation 1 to
calculate the initial gate driver enable delay.
T(DRV_EN) = 75 µs + C(VCAP) × V(VCAP_UVLOR)
300 µA
(1)
where
• C(VCAP) is the charge pump capacitance connected across ANODE and VCAP pins
• V(VCAP_UVLOR) = 6.5 V (typical)
To remove any chatter on the gate drive, approximately 800 mV of hysteresis is added to the VCAP
undervoltage lockout. The charge pump remains enabled until the VCAP to ANODE voltage reaches 12.4 V,
typically, at which point the charge pump is disabled decreasing the current draw on the ANODE pin. The charge
pump remains disabled until the VCAP to ANODE voltage is below to 11.6-V typically, at which point the charge
pump is enabled. The voltage between VCAP and ANODE continue to charge and discharge between 11.6 V
and 12.4 V as shown in Figure 8-1. By enabling and disabling the charge pump, the operating quiescent current
of the LM74700-EP is reduced. When the charge pump is disabled it sinks to 5-µA typical.
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com