Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 2Page - Texas Instruments LM74700MDDFREP Datasheet HTML 3Page - Texas Instruments LM74700MDDFREP Datasheet HTML 4Page - Texas Instruments LM74700MDDFREP Datasheet HTML 5Page - Texas Instruments LM74700MDDFREP Datasheet HTML 6Page - Texas Instruments LM74700MDDFREP Datasheet HTML 7Page - Texas Instruments LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments LM74700MDDFREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6.5 Electrical Characteristics (continued)
TJ = –55°C to +125°C; typical values at TJ = 25°C, V(ANODE) = 12 V, C(VCAP) = 0.1 µF, V(EN) = 3.3 V, over operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(VCAP)
Charge Pump source current (Charge
pump on)
V(VCAP) – V(ANODE) = 7 V
162
300
600
µA
Charge Pump sink current (Charge
pump off)
V(VCAP) – V(ANODE) = 14 V
5
10
µA
V(VCAP) – V(ANODE)
Charge pump voltage at V(ANODE) =
3.2 V
I(VCAP) ≤ 30 µA
8
V
Charge pump turn on voltage
10.4
11.6
12.9
V
Charge pump turn off voltage
11
12.4
13.9
V
Charge Pump Enable comparator
Hysteresis
0.54
0.8
1.36
V
V(VCAP UVLO)
V(VCAP) – V(ANODE) UV release at rising
edge
V(ANODE) – V(CATHODE) = 100 mV
5.6
6.6
8.7
V
V(VCAP) – V(ANODE) UV threshold at
falling edge
V(ANODE) – V(CATHODE) = 100 mV
5.05
5.4
6
V
CATHODE
I(CATHODE)
CATHODE sink current
V(ANODE) = 12 V, V(ANODE) –
V(CATHODE) = –100 mV
1.2
2
µA
V(ANODE) – V(CATHODE) = –100 mV
1.6
2.2
µA
V(ANODE) = –12 V, V(CATHODE) = 12 V
1.25
2.06
µA
(1)
Parameter guaranteed by design and characterization
6.6 Switching Characteristics
TJ = –55°C to +125°C; typical values at TJ = 25°C, V(ANODE) = 12 V, C(VCAP) = 0.1 µF, V(EN) = 3.3 V, over operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENTDLY
Enable (low to high) to Gate Turn On
delay
V(VCAP) > V(VCAP UVLOR)
75
110
µs
tReverse delay
Reverse voltage detection to Gate Turn
Off delay
V(ANODE) – V(CATHODE) = 100 mV to –100
mV
0.45
0.75
µs
V(ANODE) = 28V, V(ANODE) – V(CATHODE) =
100 mV to –100 mV
0.45
0.75
µs
tForward recovery
Forward voltage detection to Gate Turn
On delay
V(ANODE) – V(CATHODE) = –100 mV to 700
mV
1.4
3.1
µs
V(ANODE) = 28V, V(ANODE) – V(CATHODE) =
–100 mV to 700 mV
1.4
2.6
µs
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com