Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments LM74700MDDFREP Datasheet HTML 20Page - Texas Instruments LM74700MDDFREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Two important specifications are breakdown voltage and clamping voltage of the TVS. Breakdown voltage is the
voltage at which the TVS diode goes into avalanche similar to a zener diode and is specified at a low current
value typical 1 mA and the breakdown voltage must be higher than worst case steady state voltages seen in the
system. The breakdown voltage of the TVS+ must be higher than 24-V jump start voltage and 35-V suppressed
load dump voltage and less than the maximum ratings of LM74700-EP (65 V). The breakdown voltage of TVS–
must be beyond than maximum reverse battery voltage –16 V, so that the TVS- is not damaged due to long time
exposure to reverse connected battery.
Clamping voltage is the voltage the TVS diode clamps in high current pulse situations and this voltage is much
higher than the breakdown voltage. TVS diodes are meant to clamp transient pulses and must not interfere
with steady state operation. In the case of an ISO 7637-2 pulse 1, the input voltage goes up to –150 V with a
generator impedance of 10 Ω. This action translates to 15 A flowing through the TVS– and the voltage across
the TVS would be close to its clamping voltage.
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
VBAT
TVS
SMBJ33CA
Voltage
Regulator
CIN
22 nF
VCAP
0.1 µF
Q1
COUT
47 µF
Figure 9-2. Typical 12-V Battery Protection With Single Bi-directional TVS
The next criterion is that the absolute maximum rating of Anode to Cathode reverse voltage of the LM74700-EP
(–75 V) and the maximum VDS rating MOSFET are not exceeded. In the design example, 60-V rated MOSFET is
chosen and maximum limit on the cathode to anode voltage is 60 V.
In case of ISO 7637-2 pulse 1, the anode of LM74700-EP is pulled down by the ISO pulse and clamped by
TVS–. The MOSFET is turned off quickly to prevent reverse current from discharging the bulk output capacitors.
When the MOSFET turns off, the cathode to anode voltage seen is equal to (TVS Clamping voltage + Output
capacitor voltage). If the maximum voltage on output capacitor is 16-V (maximum battery voltage), then the
clamping voltage of the TVS– must not exceed (60 V – 16) V = –44 V.
The SMBJ33CA TVS diode can be used for 12-V battery protection application. The breakdown voltage of 36.7
V meets the jump start, load dump requirements on the positive side and 16-V reverse battery connection on the
negative side. During ISO 7637-2 pulse 1 test, the SMBJ33CA clamps at –44 V with 15 A of peak surge current
as shown in Figure 9-5 and it meets the clamping voltage ≤ 44 V.
SMBJ series of TVS are rated up to 600-W peak pulse power levels. This rating is sufficient for ISO 7637-2
pulses and suppressed load dump (ISO-16750-2 pulse B).
9.2.4 Selection of TVS Diodes and MOSFET for 24-V Battery Protection Applications
Typical 24-V battery protection application circuit shown in Figure 9-3 uses two uni-directional TVS diodes to
protect from positive and negative transient voltages.
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com