Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 7Page - Texas Instruments LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments LM74700MDDFREP Datasheet HTML 10Page - Texas Instruments LM74700MDDFREP Datasheet HTML 11Page - Texas Instruments LM74700MDDFREP Datasheet HTML 12Page - Texas Instruments LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
8 Detailed Description
8.1 Overview
The LM74700-EP ideal diode controller has all the features necessary to implement an efficient and fast
reverse polarity protection circuit or be used in an ORing configuration while minimizing the number of external
components. This easy to use ideal diode controller is paired with an external N-channel MOSFET to replace
other reverse polarity schemes, such as a P-channel MOSFET or a Schottky diode. An internal charge pump
is used to drive the external N-Channel MOSFET to a maximum gate drive voltage of approximately 15 V. The
voltage drop across the MOSFET is continuously monitored between the ANODE and CATHODE pins, and the
GATE to ANODE voltage is adjusted as needed to regulate the forward voltage drop at 20 mV. This closed
loop regulation scheme enables graceful turn off of the MOSFET during a reverse current event and ensures
zero DC reverse current flow. A fast reverse current condition is detected when the voltage across ANODE and
CATHODE pins reduces below –11 mV, resulting in the GATE pin being internally connected to the ANODE pin
turning off the external N-channel MOSFET, and using the body diode to block any of the reverse current. An
enable pin, EN, is available to place the LM74700-EP in shutdown mode, disabling the N-Channel MOSFET and
minimizing the quiescent current.
8.2 Functional Block Diagram
VANODE
Charge Pump
Enable Logic
VANODE
VCAP
VCAP
+
±
Q
R
S
Q
+
±
+
±
+
±
GM AMP
+
±
+
±
20 mV
50 mV
-11 mV
VCAP
COMPARATOR
COMPARATOR
VCAP_UV
VCAP_UV
ENABLE LOGIC
ENGATE
GATE DRIVER
ENABLE
LOGIC
REVERSE
PROTECTION
LOGIC
VANODE
Bias Rails
VANODE
ANODE
GATE
CATHODE
VCAP_UV
VANODE
VCAP
EN
GND
Charge
Pump
Copyright © 2017, Texas Instruments Incorporated
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com