Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments LM74700MDDFREP Datasheet HTML 10Page - Texas Instruments LM74700MDDFREP Datasheet HTML 11Page - Texas Instruments LM74700MDDFREP Datasheet HTML 12Page - Texas Instruments LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
0V
VIN
VANODE
VCAP-VANODE
VEN
6.5 V
11.6 V
12.4 V
GATE DRIVER
ENABLE
TON
TOFF
V(VCAP UVLOR)
TDRV_EN
Figure 8-1. Charge Pump Operation
8.3.3 Gate Driver
The gate driver is used to control the external N-Channel MOSFET by setting the GATE to ANODE voltage
to the corresponding mode of operation. There are three defined modes of operation that the gate driver
operates under forward regulation, full conduction mode and reverse current protection, according to the ANODE
to CATHODE voltage. Forward regulation mode, full conduction mode and reverse current protection mode
are described in more detail in the Regulated Conduction Mode, Full Conduction Mode and Reverse Current
Production Mode sections. Figure 8-2 depicts how the modes of operation vary according to the ANODE to
CATHODE voltage of the LM74700-EP. The threshold between forward regulation mode and conduction mode is
when the ANODE to CATHODE voltage is 50 mV. The threshold between forward regulation mode and reverse
current protection mode is when the ANODE to CATHODE voltage is –11 mV.
VANODE ± VCATHODE
GATE connected
to ANODE
GATE to ANODE Voltage Regulated
0 mV
20 mV
50 mV
-11 mV
Regulated Conduction Mode
Reverse Current
Protection Mode
Full Conduction Mode
GATE connected
to VCAP
Figure 8-2. Gate Driver Mode Transitions
Before the gate driver is enabled. the following three conditions must be achieved:
• The EN pin voltage must be greater than the specified input high voltage.
www.ti.com
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com