Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments LM74700MDDFREP Datasheet HTML 20Page - Texas Instruments LM74700MDDFREP Datasheet HTML 21Page - Texas Instruments LM74700MDDFREP Datasheet HTML 22Page - Texas Instruments LM74700MDDFREP Datasheet HTML 23Page - Texas Instruments LM74700MDDFREP Datasheet HTML 24Page - Texas Instruments LM74700MDDFREP Datasheet HTML 25Page - Texas Instruments LM74700MDDFREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
V
IN1
LOAD
V
OUT
C
OUT
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
V
IN2
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
Figure 9-18. Typical OR-ing Application
Figure 9-12 to Figure 9-15 show the smooth switch over between two power supply rails VIN1 at 28 V and VIN2 at
33 V. Figure 9-16 and Figure 9-17 illustrate the performance when VIN2 fails. LM74700-EP controlling VIN2 power
rail turns off quickly, so that the output remains uninterrupted and VIN1 is protected from VIN2 failure.
10 Power Supply Recommendations
The LM74700-EP ideal diode controller is designed for the supply voltage range of 3.2 V ≤ VANODE ≤ 65 V. If
the input supply is located more than a few inches from the device, an input ceramic bypass capacitor higher
than 22 nF is recommended. To prevent LM74700-EP and surrounding components from damage under the
conditions of a direct output short circuit, it is necessary to use a power supply having over load and short circuit
protection.
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com