Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments LM74700MDDFREP Datasheet HTML 19Page - Texas Instruments LM74700MDDFREP Datasheet HTML 20Page - Texas Instruments LM74700MDDFREP Datasheet HTML 21Page - Texas Instruments LM74700MDDFREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
VBAT
TVS+
SMBJ58A
Voltage
Regulator
CIN
22 nF
VCAP
0.1 µF
Q1
COUT
47 µF
TVS-
SMBJ26A
Figure 9-3. Typical 24-V Battery Protection With Two Uni-directional TVS
The breakdown voltage of the TVS+ must be higher than 48-V jump start voltage, less than the absolute
maximum ratings of anode and enable pin of LM74700-EP (65 V) and must withstand 65-V suppressed load
dump. The breakdown voltage of TVS– must be lower than maximum reverse battery voltage –32 V, so that the
TVS– is not damaged due to long time exposure to reverse connected battery.
During ISO 7637-2 pulse 1, the input voltage goes up to –600 V with a generator impedance of 50 Ω. This action
translates to 12 A flowing through the TVS–. The clamping voltage of the TVS- cannot be same as that of 12-V
battery protection circuit. Because during the ISO 7637-2 pulse, the Anode to Cathode voltage seen is equal to
(– TVS Clamping voltage + Output capacitor voltage). For 24-V battery application, the maximum battery voltage
is 32 V, then the clamping voltage of the TVS– must not exceed 75 V – 32 V = 43 V.
Single bi-directional TVS cannot be used for 24-V battery protection because breakdown voltage for TVS+
≥ 65 V, maximum clamping voltage is ≤ 43 V and the clamping voltage cannot be less than the breakdown
voltage. Two un-directional TVS connected back-to-back needs to be used at the input. For positive side TVS+,
SMBJ58A with the breakdown voltage of 64.4 V (minimum), 67.8 (typical) is recommended. For the negative
side TVS–, SMBJ26A with breakdown voltage close to 32-V (to withstand maximum reverse battery voltage –32
V) and maximum clamping voltage of 42.1 V is recommended.
For 24-V battery protection, a 75-V rated MOSFET is recommended to be used along with SMBJ26A and
SMBJ58A connected back-to-back at the input.
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com