Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 10Page - Texas Instruments LM74700MDDFREP Datasheet HTML 11Page - Texas Instruments LM74700MDDFREP Datasheet HTML 12Page - Texas Instruments LM74700MDDFREP Datasheet HTML 13Page - Texas Instruments LM74700MDDFREP Datasheet HTML 14Page - Texas Instruments LM74700MDDFREP Datasheet HTML 15Page - Texas Instruments LM74700MDDFREP Datasheet HTML 16Page - Texas Instruments LM74700MDDFREP Datasheet HTML 17Page - Texas Instruments LM74700MDDFREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
• The VCAP to ANODE voltage must be greater than the undervoltage lockout voltage.
• The ANODE voltage must be greater than VANODE POR Rising threshold.
If the above conditions are not achieved, then the GATE pin is internally connected to the ANODE pin, assuring
that the external MOSFET is disabled. Once these conditions are achieved, the gate driver operates in the
correct mode depending on the ANODE to CATHODE voltage.
8.3.4 Enable
The LM74700-EP has an enable pin, EN. The enable pin allows for the gate driver to be either enabled or
disabled by an external signal. If the EN pin voltage is greater than the rising threshold, the gate driver and
charge pump operates as described in Gate Driver and Charge Pump sections. If the enable pin voltage is less
than the input low threshold, the charge pump and gate driver are disabled placing the LM74700-EP in shutdown
mode. The EN pin can withstand a voltage as large as 65 V and as low as –65 V. This ability allows for the
EN pin to connect directly to the ANODE pin if enable functionality is not needed. In conditions where EN is left
floating, the internal sink current of 3 uA pulls EN pin low and disables the device.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The LM74700-EP enters shutdown mode when the EN pin voltage is below the specified input low threshold
V(EN_IL). Both the gate driver and the charge pump are disabled in shutdown mode. During shutdown mode
the LM74700-EP enters low IQ operation with the ANODE pin only sinking 1 µA. When the LM74700-EP is in
shutdown mode, forward current flow through the external MOSFET is not interrupted but is conducted through
the MOSFET's body diode.
8.4.2 Conduction Mode
Conduction mode occurs when the gate driver is enabled. There are three regions of operating during
conduction mode based on the ANODE to CATHODE voltage of the LM74700-EP. Each of the three modes
is described in the Regulated Condution Mode, Full Conduction Mode and Reverse Current Protection Mode
sections.
8.4.2.1 Regulated Conduction Mode
For the LM74700-EP to operate in regulated conduction mode, the gate driver must be enabled as described in
the Gate Driver section, and the current from source to drain of the external MOSFET must be within the range
to result in an ANODE to CATHODE voltage drop of –11 mV to 50 mV. During forward regulation mode, the
ANODE to CATHODE voltage is regulated to 20 mV by adjusting the GATE to ANODE voltage. This closed loop
regulation scheme enables graceful turn off of the MOSFET at very light loads and ensures zero DC reverse
current flow.
8.4.2.2 Full Conduction Mode
For the LM74700-EP to operate in full conduction mode, the gate driver must be enabled as described in the
Gate Driver section. The current from source to drain of the external MOSFET must be large enough to result
in an ANODE to CATHODE voltage drop of greater than 50-mV typical. If these conditions are achieved, the
GATE pin is internally connected to the VCAP pin resulting in the GATE to ANODE voltage being approximately
the same as the VCAP to ANODE voltage. By connecting VCAP to GATE the external MOSFETs, RDS(ON) is
minimized, reducing the power loss of the external MOSFET when forward currents are large.
8.4.2.3 Reverse Current Protection Mode
For the LM74700-EP to operate in reverse current protection mode, the gate driver must be enabled as
described in the Gate Driver section, and the current of the external MOSFET must be flowing from the drain
to the source. When the ANODE to CATHODE voltage is typically less than –11 mV, reverse current protection
mode is entered and the GATE pin is internally connected to the ANODE pin. The connection of the GATE to
ANODE pin disables the external MOSFET. The body diode of the MOSFET blocks any reverse current from
flowing from the drain to source.
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com