Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 1 Page - Texas Instruments

  LM74700MDDFREP Datasheet HTML 1Page - Texas Instruments LM74700MDDFREP Datasheet HTML 2Page - Texas Instruments LM74700MDDFREP Datasheet HTML 3Page - Texas Instruments LM74700MDDFREP Datasheet HTML 4Page - Texas Instruments LM74700MDDFREP Datasheet HTML 5Page - Texas Instruments LM74700MDDFREP Datasheet HTML 6Page - Texas Instruments LM74700MDDFREP Datasheet HTML 7Page - Texas Instruments LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM74700-EP Low IQ Ideal Diode Controller
1 Features
• 3.2-V to 65-V Input range (3.9-V startup)
• –65-V reverse voltage rating
• Charge pump for external N-Channel MOSFET
• 20-mV ANODE to CATHODE forward voltage drop
regulation
• Enable pin feature
• 1-µA shutdown current (EN = Low)
• 80-µA operating quiescent current (EN = High)
• 2.3-A peak gate turnoff current
• Fast response to reverse current blocking:
< 0.75 µs
• Meets automotive ISO7637 transient requirements
with a suitable TVS Diode
• Available in 8 pin SOT-23 package 2.90 mm × 1.60
mm
• Military temperature range –55°C to +125°C
• One fabrication, assembly and test site
• Extended product life cycle
• Extended product change notification
• Product traceability
2 Applications
• Aerospace and defense
• Medical imaging
• Active ORing for redundant power
3 Description
The LM74700-EP is an ideal diode controller which
operates in conjunction with an external N-channel
MOSFET as an ideal diode rectifier for low loss
reverse polarity protection with a 20-mV forward
voltage drop. The wide supply input range of 3.2 V to
65 V allows control of many popular DC bus voltages
such as 12-V, 24-V and 48-V systems. The device can
withstand and protect the loads from negative supply
voltages down to –65 V.
The device controls the GATE of the MOSFET to
regulate the forward voltage drop at 20 mV. The
regulation scheme enables graceful turn off of the
MOSFET during a reverse current event and ensures
zero DC reverse current flow. Fast response (<
0.75 µs) to Reverse Current Blocking makes the
device suitable for systems with output voltage holdup
requirements during power fail and input micro-short
conditions.
The LM74700-EP controller provides a charge pump
gate drive for an external N-channel MOSFET.
The high voltage rating of LM74700-EP helps to
simplify the system designs for automotive ISO7637
protection. With the enable pin low, the controller is
off and draws approximately 1 µA of current. The
LM74700-EP is fully specified over the temperature
range of TA = –55°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM74700-EP
SOT-23 (8)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
LM74700
GATE
CATHODE
EN
ANODE
VCAP
GND
VBATT
TVS
Voltage
Regulator
VOUT
ON OFF
Typical Application Schematic
V
OUT
V
BATT
I
BATT
V
GATE
Reverse Current Blocking During Input Short
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM74700MDDFREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74700-Q1 TI1-LM74700-Q1 Datasheet
296Kb / 18P
Low IQ Always ON Smart Diode Controller
LM74700-Q1 TI-LM74700-Q1 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
LM74700QDBVRQ1 TI1-LM74700QDBVRQ1 Datasheet
296Kb / 18P
Low IQ Always ON Smart Diode Controller
More results

Similar Description - LM74700MDDFREP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
logo
Texas Instruments
LM74701-Q1 TI-LM74701-Q1 Datasheet
1Mb / 27P
LM74701-Q1 "TVS Less" Low IQ Reverse Battery Protection Ideal Diode Controller
LM74720-Q1 TI-LM74720-Q1 Datasheet
3Mb / 30P
LM74720-Q1 Low IQ Ideal Diode Controller With Active Rectification and Load Dump Protection
SLVSFH8 ??SEPTEMBER 2021
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Texas Instruments
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com