Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 4 Page - Texas Instruments

  LM74700MDDFREP Datasheet HTML 1Page - Texas Instruments LM74700MDDFREP Datasheet HTML 2Page - Texas Instruments LM74700MDDFREP Datasheet HTML 3Page - Texas Instruments LM74700MDDFREP Datasheet HTML 4Page - Texas Instruments LM74700MDDFREP Datasheet HTML 5Page - Texas Instruments LM74700MDDFREP Datasheet HTML 6Page - Texas Instruments LM74700MDDFREP Datasheet HTML 7Page - Texas Instruments LM74700MDDFREP Datasheet HTML 8Page - Texas Instruments LM74700MDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input Pins
ANODE to GND
–65
65
V
EN to GND, V(ANODE) > 0 V
–0.3
65
V
EN to GND, V(ANODE) ≤ 0 V
V(ANODE)
(65 + V(ANODE))
V
Output Pins
GATE to ANODE
–0.3
15
V
VCAP to ANODE
–0.3
15
V
Output to Input
Pins
CATHODE to ANODE
–5
75
V
Operating junction temperature(2)
–55
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings can cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device can not be fully functional,
and this can affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per JEDEC JS-001(1)
±2000
V
Charged device model (CDM),
per JEDEC JS-002 (2)
Corner pins (VCAP, EN,
ANODE, CATHODE)
±750
Other pins
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP155 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
NOM
MAX
UNIT
Input Pins
ANODE to GND
–60
60
V
CATHODE to GND
60
EN to GND
–60
60
Input to Output
pins
ANODE to CATHODE
–70
V
External
capacitance
ANODE
22
nF
CATHODE, VCAP to ANODE
0.1
µF
External
MOSFET max
VGS rating
GATE to ANODE
15
V
TJ
Operating junction temperature range(2)
–55
125
°C
(1)
Recommended Operating Conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see Electrical Characteristics.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
LM74700-EP
SNOSDD6 – SEPTEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM74700-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com