Electronic Components Datasheet Search
  English  ▼

X  

LM74700MDDFREP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700MDDFREP
Description  LM74700-EP Low IQ Ideal Diode Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74700MDDFREP Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM74700MDDFREP Datasheet HTML 24Page - Texas Instruments LM74700MDDFREP Datasheet HTML 25Page - Texas Instruments LM74700MDDFREP Datasheet HTML 26Page - Texas Instruments LM74700MDDFREP Datasheet HTML 27Page - Texas Instruments LM74700MDDFREP Datasheet HTML 28Page - Texas Instruments LM74700MDDFREP Datasheet HTML 29Page - Texas Instruments LM74700MDDFREP Datasheet HTML 30Page - Texas Instruments LM74700MDDFREP Datasheet HTML 31Page - Texas Instruments LM74700MDDFREP Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
2.95
2.65
1.1 MAX
6X 0.65
8X 0.4
0.2
2X
1.95
TYP
0.20
0.08
0 - 8
0.1
0.0
0.25
GAGE PLANE
0.6
0.3
A
NOTE 3
2.95
2.85
B
1.65
1.55
4222047/B 11/2015
SOT-23 - 1.1 mm max height
DDF0008A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
1
8
0.1
C A
B
5
4
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com