Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 28Page - Analog Devices LTC3124 Datasheet HTML 29Page - Analog Devices LTC3124 Datasheet HTML 30Page - Analog Devices LTC3124 Datasheet HTML 31Page - Analog Devices LTC3124 Datasheet HTML 32Page - Analog Devices LTC3124 Datasheet HTML 33Page - Analog Devices LTC3124 Datasheet HTML 34Page - Analog Devices LTC3124 Datasheet HTML 35Page - Analog Devices LTC3124 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LT3120
32
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
750kHz, 12V Regulator with Input Supply Run Down
3.3µH
0.22µF
0.22µF
4.7µF
105k
22nF
1370k
97.6k
80k
2200pF
VIN
PVIN
SYNC/MODE
VCC
ISP
GND
VC
FB
PVOUT
SW1
SW2
BST1
BST2
RT
PGOOD
EN/UVLO
PROG
MPPC
BST3
ISN
LT3120
47µF
10µF
1210k
2.8M
249k
VIN
VOUT
2.5V TO 26V
12V
3120 TA15
ENABLE = 7V
DISABLE = 2V
1µF
500kHz 20V Wide Input Regulator
4.7µH
0.22µF
0.22µF
4.7µF
158k
10µF
22nF
1020k
42.2k
162k
1000pF
VIN
PVIN
SYNC/MODE
VCC
ISP
GND
VC
FB
PVOUT
SW1
SW2
BST1
BST2
RT
PGOOD
EN/UVLO
PROG
MPPC
BST3
ISN
LT3120
47µF
VIN
VOUT
2.5V to 26V
20V
VIN = 2.5V; IOUT = 0.25A; EFFICIENCY = 82%
VIN = 21V; IOUT = 6.5A; EFFICIENCY = 94%
3120 TA21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com