Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 4Page - Analog Devices LTC3124 Datasheet HTML 5Page - Analog Devices LTC3124 Datasheet HTML 6Page - Analog Devices LTC3124 Datasheet HTML 7Page - Analog Devices LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices LTC3124 Datasheet HTML 10Page - Analog Devices LTC3124 Datasheet HTML 11Page - Analog Devices LTC3124 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LT3120
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT = 15V,
fSW = 500kHz
Efficiency, VOUT = 15V,
fSW = 1MHz
Efficiency, VOUT = 15V,
fSW = 2MHz
Efficiency, VOUT = 20V,
fSW = 500kHz
Efficiency, VOUT = 20V,
fSW = 1MHz
Efficiency, VOUT = 20V,
fSW = 2MHz
Efficiency, VOUT = 24V,
fSW = 500kHz
Efficiency, VOUT = 24V,
fSW = 1MHz
Efficiency, VOUT = 24V,
fSW = 2MHz
PWM
VIN = 12
VIN = 16
VIN = 26
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G27
Burst Mode
OPERATION
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G28
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G29
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G30
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G31
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100u
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G32
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G33
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G34
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V
OUTPUT CURRENT (A)
100
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 G35
PWM
Burst Mode OPERATION
VIN = 12V
VIN = 16V
VIN = 26V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com