Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 2Page - Analog Devices LTC3124 Datasheet HTML 3Page - Analog Devices LTC3124 Datasheet HTML 4Page - Analog Devices LTC3124 Datasheet HTML 5Page - Analog Devices LTC3124 Datasheet HTML 6Page - Analog Devices LTC3124 Datasheet HTML 7Page - Analog Devices LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices LTC3124 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LT3120
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VCC UVLO Threshold vs
Temperature
Oscillator Frequency vs RT
Oscillator Frequency vs VIN
Oscillator Frequency
vs Temperature
FB Voltage vs Temperature
PROG Pin Voltage vs Temperature
MPPC Pin Voltage
vs Temperature
SW1, SW2 Minimum Low Time
vs VCC
RISING
FALLING
TEMPERATURE (°C)
–60 –30
0
30
60
90
120 150
2.20
2.22
2.24
2.26
2.28
2.30
2.32
2.34
2.36
2.38
2.40
3120 G10
RT PIN RESISTOR (k)
20
50
80
110
140
170
200
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3120 G11
TEMPERATURE (°C)
–60 –30
0
30
60
90
120 150
–0.8
–0.5
–0.2
0.1
0.4
0.7
1.0
3120 G13
TEMPERATURE (°C)
–60 –30
0
30
60
90
120 150
–0.4
–0.3
–0.2
–0.1
0.0
0.1
3120 G14
TEMPERATURE (°C)
–60 –30
0
30
60
90
120 150
–5
–4
–3
–2
–1
0
1
2
3
4
5
3120 G16
VCC VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
–20
–10
0
10
20
30
40
50
60
70
80
3120 G17
INPUT VOLTAGE (V)
2
5
8
11
14
17
20
23
26
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
3120 G12
TEMPERATURE (°C)
–60 –30
0
30
60
90
120 150
–0.7
–0.5
–0.3
–0.1
0.1
0.3
3120 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com