Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 12Page - Analog Devices LTC3124 Datasheet HTML 13Page - Analog Devices LTC3124 Datasheet HTML 14Page - Analog Devices LTC3124 Datasheet HTML 15Page - Analog Devices LTC3124 Datasheet HTML 16Page - Analog Devices LTC3124 Datasheet HTML 17Page - Analog Devices LTC3124 Datasheet HTML 18Page - Analog Devices LTC3124 Datasheet HTML 19Page - Analog Devices LTC3124 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LT3120
16
Rev. 0
For more information www.analog.com
CURRENT LIMIT AND ZERO CURRENT DETECTION
The LT3120 incorporates inductor current limiting. The
average current mode control loop clamps the average
current in the inductor to 9.5A (typical). This ensures a
smooth transition into current limit and protects against
current levels beyond the capability of the IC.
An additional maximum peak current limit of 12.6A (typi-
cal) limits the instantaneous current in the inductor and
may be triggered briefly on hard output shorts prior to the
average current loop responding.
The LT3120 incorporates dedicated zero current detection
comparators to minimize reverse current during switch-
ing and provide discontinuous mode operation. The zero
currentdetectionthresholdsareadjustedbasedonoperat-
ing conditions to avoid subharmonic switching and may
result in small amounts of negative current under some
conditions. When the part is being controlled by the MPPC
control loop, the zero cross comparator threshold is set to
approximately 150mA to help prevent any reverse current
from discharging the output storage element.
SOFT-START
TheLT3120soft-startcircuitminimizesinputcurrenttran-
sients and output voltage overshoot on initial power-up.
The required timing components for soft-start are internal
to the LT3120 and produce a typical soft-start duration
of 6ms. The internal soft-start circuit slowly ramps the
command signal to the current mode control loop (VC pin
voltage). In doing so, the inductor current is also slowly
increased, starting from zero. Soft-start is reset by the VCC
UVLO, the EN/UVLO pin accurate enable comparator, and
thermal shutdown.
MAXIMUM POWER POINT CONTROL (MPPC)
The MPPC input of the LT3120 can be used with an
optional external voltage divider to dynamically adjust
the commanded inductor current in order to maintain
a minimum input voltage. This is primarily useful when
using resistive sources, such as photovoltaic panels, to
maximize input power transfer and prevent VIN from drop-
ping too low under load. Referring to Figure 5, the MPPC
pin is internally connected to the noninverting input of a
transconductance amplifier. If the MPPC pin voltage falls
below the reference voltage, the output of the amplifier
reduces the commanded average inductor current (VC
pin voltage) to reduce the input current and regulate VIN
to the programmed minimum voltage.
OPERATION
CC2
RC2
R6
3120 F05
R5
PVIN 795mV
VC
MPPC
CIN
VIN
LT3120
+
–
Figure 5. MPPC Pin Configuration
External compensation may also be required and is gener-
ally provided by a series resistor and capacitor connected
between the MPPC pin and GND. This compensation
network is in parallel with the lower resistor of the VIN
voltage divider network.
PROGRAMMABLE OUTPUT CURRENT
The LT3120 includes an optional programmable current
limit that can be used to control current to the output load.
The current limit circuit requires an external sense resistor
RSEN connected between ISP and ISN and a programming
resistor from PROG to ground.
The current sense amplifier outputs a current from the
PROG pin that is proportional to the voltage between pins
ISP and ISN. Output current limiting will begin when the
voltage on the PROG pin reaches 795mV.
The current output from the PROG pin is equal to Equation 2.
IPROG = 2µA/mV • RSEN • IOUT
(2)
Independent value selection for RSEN and RPROG allow
designs to trade-off current sense accuracy and power
loss in the sense element. The output current is pro-
grammed using Equation 3.
ILIMIT = 795V/(2 • RSEN • RPROG )
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com