Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 1 Page - Analog Devices

  LTC3124 Datasheet HTML 1Page - Analog Devices LTC3124 Datasheet HTML 2Page - Analog Devices LTC3124 Datasheet HTML 3Page - Analog Devices LTC3124 Datasheet HTML 4Page - Analog Devices LTC3124 Datasheet HTML 5Page - Analog Devices LTC3124 Datasheet HTML 6Page - Analog Devices LTC3124 Datasheet HTML 7Page - Analog Devices LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LT3120
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
26V, 9A Low-IQ CC/CV
Monolithic Buck-Boost Converter
The LT®3120 is a high efficiency 26V monolithic buck-
boost converter. Extensive feature integration and very
low resistance internal power switches minimize the total
solution footprint for even the most demanding applica-
tions. A proprietary 4-switch PWM architecture provides
seamless low noise operation from input voltages above,
equal to, or below the output voltage.
External frequency programming as well as synchroniza-
tion using an internal PLL enable operation over a wide
switching frequency range of 400kHz to 2MHz. The wide
2.5V to 26V input range is well suited for operation from
unregulated power sources including battery stacks and
backup capacitors. After start-up, operation is possible
with input voltages as low as 500mV.
Other features include, output short-circuit protection,
thermal overload protection, less than 3µA shutdown cur-
rent, power good indicator, Burst Mode operation, and
maximum power point control.
The LT3120 is offered in thermally enhanced 28-lead
4mm × 5mm LQFN package.
Wide Input Range 750kHz 5V Regulator
APPLICATIONS
n
Input Voltage Range: 2.5V to 26V
n
0.8V to 24V Output Voltage Range
n
High Output Current
n
6.5A with VOUT = 5V, VIN > 6V
n
3A with VOUT = 5V, VIN = 3V
n
6.5A with VOUT = 12V, VIN > 14V
n
4 A with VOUT = 12V, VIN = 9V
n
Ultralow Noise Buck-Boost Architecture
n
Programmable Output Current Limit
n
Programmable Frequency Range: 400kHz to 2MHz
n
Accurate Enable Comparator Threshold
n
Burst Mode® Operation, No-Load IQ = 35µA
n
Current Mode Control
n
External Clock Synchronization
n
Maximum Power Point Control
n
28-Lead 4mm × 5mm LQFN Package
n
RF Power Supply
n
USB Power Delivery
n
System Backup Power Supply
n
1-Cell to 5-Cell Lithium Battery Powered Products
n
Wide Input Range Power Supply
n
Lead Acid to 12V Regulator
All registered trademarks and trademarks are the property of their respective owners.
Efficiency, VOUT = 5V, fSW = 750kHz
PWM
Burst Mode OPERATION
VIN = 3V
VIN = 12V
VIN = 20V
OUTPUT CURRENT (A)
100µ
1m
10m
100m
1
10
10
20
30
40
50
60
70
80
90
100
3120 TA01
3.3µH
0.22µF
0.22µF
4.7µF
105k
10µF
22nF
536k
102k
56.2k
680pF
VIN
PVIN
SYNC/MODE
VCC
ISP
GND
VC
FB
PVOUT
SW1
SW2
BST1
BST2
RT
PGOOD
EN/UVLO
PROG
MPPC
BST3
ISN
LT3120
150µF
VIN
VOUT
2.5V to 26V
5V
VIN = 2.5V; IOUT =1.25A; EFFICIENCY = 85%
VIN = 6.0V; IOUT = 6.5A; EFFICIENCY = 86%
3120 TA01a


Similar Part No. - LTC3124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Analog Devices
LTC3124 AD-LTC3124 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
logo
Linear Technology
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3124

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
logo
Linear Technology
LT8603 LINER-LT8603 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
Major-Power Technology ...
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
MA5625 MPOWER-MA5625 Datasheet
166Kb / 2P
40V Synchronous Buck Converter with 2ch CC/CV
logo
Analog Devices
MAX77348A AD-MAX77348A Datasheet
1Mb / 31P
Ultra-Low IQ, Low-Noise 3.5W Buck-Boost Converter
Rev 0; 10/22
logo
Major-Power Technology ...
MA5608 MPOWER-MA5608 Datasheet
260Kb / 2P
40V5A Synchronous Buck Converter With 2CH CC/CV
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com