Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 18Page - Analog Devices LTC3124 Datasheet HTML 19Page - Analog Devices LTC3124 Datasheet HTML 20Page - Analog Devices LTC3124 Datasheet HTML 21Page - Analog Devices LTC3124 Datasheet HTML 22Page - Analog Devices LTC3124 Datasheet HTML 23Page - Analog Devices LTC3124 Datasheet HTML 24Page - Analog Devices LTC3124 Datasheet HTML 25Page - Analog Devices LTC3124 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LT3120
22
Rev. 0
For more information www.analog.com
PROG Programming
Acurrentsenseamplifiermonitorsthevoltagebetweenthe
ISP and ISN pins and outputs a proportional current from
the PROG pin. The voltage on the PROG pin is compared
to a temperature stable reference voltage of 0.795V, and
if the PROG pin voltage exceeds this reference value the
inductorcurrentisscaledbacktomaintainthedesiredlevel
of output current. The output current limit is configured
using a resistor connected between the PROG pin and
GND. A small capacitor may optionally be placed in parallel
with the resistor. The values for the RC components are
calculated using Equation 17.
RPROG =
0.795V
2mA V•RSEN •IOUT
CPROG =
3300nF
• Ω
RPROG
(17)
Compensation of the Buck-Boost Converter
TheLT3120incorporatesanaveragecurrentmodecontrol
architecture which consists of two control loops. Both the
inner average current mode control loop and outer control
loop require compensation to maintain stability. The inner
current mode control loop is internally compensated to
maintain wide bandwidth and good transient response.
For many applications, the inner current loop can be
treated like a voltage controlled current source (VCCS).
This current source is commanded by the voltage error
amplifier to regulate the output load formed primarily by
the load resistance (RLOAD) and output capacitor (COUT).
This simplified version is illustrated in Figure 10, show-
ing the key components that need to be considered when
compensating the converter.
With a full-scale command on VC, the LT3120 buck-boost
converter will generate an average inductor current of
9.5A. With a VC voltage range of 200mV to 900mV, the
resulting current gain for the inner average current loop
is 13.6A/V. Similar to peak current mode control, the inner
average current mode control loop effectively turns the
inductor into a current source over the frequency range
of interest, resulting in a frequency response from the
power stage that exhibits a single pole (–20dB/decade)
roll off. The output capacitor (COUT) and load resistance
(RLOAD) form the normally dominant low frequency pole
and the effective series resistance of the output capacitor
and its capacitance form a zero, usually at a high enough
frequency to be ignored. A potentially troublesome right
half plane zero (RHPZ) is also encountered if the LT3120
is operated in boost mode. The RHPZ causes an increase
in gain, like a zero, but a decrease in phase, like a pole.
APPLICATIONS INFORMATION
Figure 10. Simplified Representation of Control
Loop Components
gm
0.795V
0.9V
gm = 13.6A/V
+
–
FB
VOLTAGE
ERROR
AMP
VOLTAGE
CONTROLLED
CURRENT
SOURCE
VC
GND
RZ
RTOP
RBOT
RCOSER
RLOAD
CP1
COUT
VOUT
CP2
3120 F10
Thiswillultimatelylimitthemaximumconverterbandwidth
that can be achieved with the LT3120. The RHPZ is not
present when operating in buck mode. The overall open
loop gain at DC is the product of the Equation 18 through
Equation 20.
Voltage Error Amplifier Gain:
GEA = gm •REA = 120µs • 5MΩ = 600
(18)
Voltage Divider Gain:
VFB
VOUT
=
0.795V
VOUT
(19)
Current Loop Transconductance:
GCS =
9.5A
0.7V
= 13.6A / V
(20)
It is important to note that GCS is the transconductance
gain from the control voltage VC to the inductor current
level, which equals the output current level in buck mode.
In boost mode, the output current level will be reduced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com