Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 24Page - Analog Devices LTC3124 Datasheet HTML 25Page - Analog Devices LTC3124 Datasheet HTML 26Page - Analog Devices LTC3124 Datasheet HTML 27Page - Analog Devices LTC3124 Datasheet HTML 28Page - Analog Devices LTC3124 Datasheet HTML 29Page - Analog Devices LTC3124 Datasheet HTML 30Page - Analog Devices LTC3124 Datasheet HTML 31Page - Analog Devices LTC3124 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LT3120
28
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
5V APPLICATION EXAMPLES
500kHz Wide Input Regulator
1MHz Wide Input Regulator
4.7µH
0.22µF
0.22µF
4.7µF
158k
10µF
22nF
536k
102k
46.4k
1800pF
VIN
PVIN
SYNC/MODE
VCC
ISP
GND
VC
FB
PVOUT
SW1
SW2
BST1
BST2
RT
PGOOD
EN/UVLO
PROG
MPPC
BST3
ISN
LT3120
220µF
VIN = 2.5V; IOUT = 1.25A; EFFICIENCY = 88%
VIN = 6V; IOUT = 6.5A; EFFICIENCY = 87%
3120 TA07
VIN
2.5V TO 26V
VOUT
5V
536k
102k
2.2µH
0.22µF
0.22µF
4.7µF
76.8k
22nF
VIN
PVIN
SYNC/MODE
VCC
ISP
GND
VC
FB
PVOUT
SW1
SW2
BST1
BST2
RT
PGOOD
EN/UVLO
PROG
MPPC
BST3
ISN
LT3120
150µF
68.1k
680pF
10µF
VIN
3120 TA08
VIN = 2.5V; IOUT = 1.25A; EFFICIENCY = 85%
VIN = 5V; IOUT = 6.5A; EFFICIENCY = 86%
VOUT
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com