Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 13Page - Analog Devices LTC3124 Datasheet HTML 14Page - Analog Devices LTC3124 Datasheet HTML 15Page - Analog Devices LTC3124 Datasheet HTML 16Page - Analog Devices LTC3124 Datasheet HTML 17Page - Analog Devices LTC3124 Datasheet HTML 18Page - Analog Devices LTC3124 Datasheet HTML 19Page - Analog Devices LTC3124 Datasheet HTML 20Page - Analog Devices LTC3124 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LT3120
17
Rev. 0
For more information www.analog.com
The value for RSEN should be selected to limit the maximum
voltage between ISP and ISN to 25mV at current limit.
For current monitoring applications, the values for RSEN
and RPROG should be selected to not exceed 700mV on
the PROG pin.
When current sensing is not used, the ISP and ISN pins
should be tied to PVOUT and the PROG pin should be tied
to VCC.
Burst Mode OPERATION
When the SYNC/MODE pin is held low, the LT3120 is
configuredforBurstModeoperation.Asaresult,thebuck-
boost DC/DC converter will operate with continuous PWM
switching until the output current drops to low levels at
which point the converter will automatically transition to
power saving Burst Mode operation. When operating in
Burst Mode operation, the LT3120 will go into a sleep state
when the output voltage achieves its nominal regulation
level. The sleep state halts PWM switching and powers
down all nonessential functions of the IC, reducing the
quiescentcurrentoftheLT3120tojust30µA(typical).This
greatly improves overall power conversion efficiency for
light loads. Since the converter is not switching in sleep,
the output voltage will slowly decay at a rate determined
by the output load resistance and the output capacitor
value. When the output voltage has decayed by a small
amount, the LT3120 will wake and initiate PWM switching
operation until the output voltage on VOUT is restored to
the previous level. If the load is very light, the LT3120 may
only need to switch for a few cycles to restore VOUTandwill
sleep for extended periods of time, significantly improv-
ing efficiency. If the load is suddenly increased above the
burst transition threshold, the part will automatically enter
continuous PWM operation until the load is once again
reduced. Note that Burst Mode operation is inhibited until
soft-start is completed and VOUT has reached regulation.
Burst Mode operation is also inhibited when the MPPC
loop is in control.
OPERATION
POWER GOOD INDICATOR
The LT3120 provides an open-drain PGOOD output that
pulls low if VOUTfallsmorethan8%(typical)belowitspro-
grammed value. When VOUT rises to within 6.8% (typical)
of its programmed value, the internal PGOOD pull-down
will turn off and PGOOD will go high if an external pull-
up resistor has been provided. An internal filter prevents
nuisance trips of PGOOD due to short transients on VOUT.
Note that PGOOD can be pulled up to any voltage, as long
as the absolute maximum rating of 27V is not exceeded.
The PGOOD function is active when the EN/UVLO pin volt-
age is above the logic enable threshold of 0.8V (typical).
When the EN/UVLO pin voltage is below 0.8V (typical)
and the VCC supply is still present, the PGOOD pull-down
will be enabled.
THERMAL CONSIDERATIONS
The power switches in the LT3120 are designed to oper-
ate continuously with currents up to the internal current
limit thresholds. Operating at high current levels results
in significant heat generated within the IC. In addition, in
many applications the VCC regulator is operated with large
input-to-outputvoltagedifferentialsresultinginsignificant
additional power dissipation in the pass element. As a
result, careful consideration must be given to the thermal
environment of the IC in order to optimize efficiency and
ensure that the LT3120 is able to provide its full-rated
output current. Specifically, the exposed thermal pad of
the LQFN must be soldered to the PC board. The PC board
shouldbedesignedtomaximizetheconductionofheatout
of the IC package, maximizing vias from the thermal pad
connection to a large area of exposed copper. Additional
benefit can be realized through the use of thinner printed
circuit boards, and higher layer counts with internal layers
tied to the thermal vias. These steps minimize thermal
resistance of the PCB, allowing for operation over a wider
temperature range and greater output current levels. If
the die temperature exceeds approximately 165°C, the
IC will enter overtemperature shutdown and all switching
will be inhibited. The part will remain disabled until the
die cools by approximately 10°C. The soft-start circuit is
re-initialized in over temperature shutdown to provide a
smooth recovery when the fault condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com