Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 5Page - Analog Devices LTC3124 Datasheet HTML 6Page - Analog Devices LTC3124 Datasheet HTML 7Page - Analog Devices LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices LTC3124 Datasheet HTML 10Page - Analog Devices LTC3124 Datasheet HTML 11Page - Analog Devices LTC3124 Datasheet HTML 12Page - Analog Devices LTC3124 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LT3120
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs Load Current
Temperature Rise vs Load Current
Temperature Rise vs Load Current
Temperature Rise vs Load Current
Temperature Rise vs Load Current
Temperature Rise vs Load Current
Maximum Output Current,
VOUT = 5V
Maximum Output Current,
VOUT = 12V
Maximum Output Current,
VOUT = 20V
VOUT = 5V
fSW = 750kHz
DC2815A DEMO BOARD
VIN = 5V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
3120 G36
VOUT = 5V
fSW = 2MHz
DC2815A DEMO BOARD
LOAD CURRENT (A)
1
2
3
4
5
6
0
30
60
90
120
150
3120 G37
VIN = 5V
VIN = 12V
VIN = 20V
VOUT = 12V
fSW = 750kHz
DC2815A DEMO BOARD
LOAD CURRENT (A)
1
2
3
4
5
6
0
25
50
75
100
125
3120 G38
VIN = 5V
VIN = 12V
VIN = 20V
VOUT = 12V
fSW = 2MHz
DC2815A DEMO BOARD
LOAD CURRENT (A)
1
2
3
4
5
6
0
30
60
90
120
150
3120 G39
VIN = 5V
VIN = 12V
VIN = 20V
VOUT = 20V
fSW = 750kHz
DC2815A DEMO BOARD
VIN = 12V
VIN = 20V
VIN = 25V
LOAD CURRENT (A)
1
2
3
4
5
6
0
30
60
90
120
150
3120 G40
VOUT = 20V
fSW = 2MHz
DC2815A DEMO BOARD
LOAD CURRENT (A)
1
1.5
2
2.5
3
3.5
4
0
30
60
90
120
150
3120 G41
VIN = 12V
VIN = 20V
VIN = 25V
DC2815A DEMO BOARD
100Hz PULSE LOAD
20% DUTY CYCLE
STANDBY LOAD = 0.25A
PULSED
LOAD
CONTINUOUS
LOAD
750kHz
2MHz
INPUT VOLTAGE (V)
2
5
8
11
14
17
20
23
26
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
3120 G42
INPUT VOLTAGE (V)
2
5
8
11
14
17
20
23
26
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
3120 G43
DC2815A DEMO BOARD
100Hz PULSE LOAD
20% DUTY CYCLE
STANDBY LOAD = 0.25A
PULSED
LOAD
CONTINUOUS
LOAD
750kHz
2MHz
INPUT VOLTAGE (V)
2
5
8
11
14
17
20
23
26
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
3120 G44
DC2815A DEMO BOARD
100Hz PULSE LOAD
20% DUTY CYCLE
STANDBY LOAD = 0.25A
PULSED
LOAD
CONTINUOUS
LOAD
750kHz
2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com