Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices LTC3124 Datasheet HTML 10Page - Analog Devices LTC3124 Datasheet HTML 11Page - Analog Devices LTC3124 Datasheet HTML 12Page - Analog Devices LTC3124 Datasheet HTML 13Page - Analog Devices LTC3124 Datasheet HTML 14Page - Analog Devices LTC3124 Datasheet HTML 15Page - Analog Devices LTC3124 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LT3120
12
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
A
D
GND
B
C
20
PVIN
21
24
SW1
25
SW2
26
4
GND
BST2
SOFT-START
RAMP
27
PVOUT
2
6
5
PGOOD
PROG
VIN
VCC
17
13
BST1
23
BST2
28
REVERSE
BLOCKING
LDO
BANDGAP
REFERENCE
OVERTEMPERATURE
OSCILLATOR
MODE
SELECTION
0.795V
0.9V
1.205V
PWM
CHIP
ENABLE
+
+
–
8
FB
0.795V
9
VC
10
RT
14
SYNC/MODE
(PWM)
15
1.205V
GND
+
–
2.35V
VCC
UVLO
+
–
EN/UVLO
3120 BD
16
7
22
18
11
29
3
CURRENT
LIMIT
+
–
0.795V
ZERO
CURRENT
+
–
0A
12.6A
–
+
BST1
MPPC
12
+
–
0.795V
736mV
FB
1
2A/mV
19
BST3
ISN ISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com