Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 16Page - Analog Devices LTC3124 Datasheet HTML 17Page - Analog Devices LTC3124 Datasheet HTML 18Page - Analog Devices LTC3124 Datasheet HTML 19Page - Analog Devices LTC3124 Datasheet HTML 20Page - Analog Devices LTC3124 Datasheet HTML 21Page - Analog Devices LTC3124 Datasheet HTML 22Page - Analog Devices LTC3124 Datasheet HTML 23Page - Analog Devices LTC3124 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LT3120
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Input Capacitor Selection
PVIN pins carry the full inductor current and provides
power to internal control circuits in the IC. To minimize
input voltage ripple and ensure proper operation of the IC,
a low ESR bypass capacitor with a value of at least 10µF
should be located as close to this pin as possible. The
traces connecting this capacitor to PVIN and the ground
plane should be made as short as possible. The VIN pin
provides power to the VCC regulator and other internal
circuitry. If the PCB trace connecting VIN to PVIN is long, it
may be necessary to add an additional small value bypass
capacitor near the VIN pin.
When powered through long leads or from a high ESR
power source, a larger value bulk input capacitor may be
required. In such applications, a 47µF to 100µF electrolytic
capacitor in parallel with a 1µF ceramic capacitor generally
yields a high performance, low cost solution.
When powered through an inductive connection such as
a long cable, the inductance of the power source and the
input bypass capacitor form a high-Q resonant LC filter. In
suchapplications,hot-pluggingintoapoweredsourcecan
lead to a significant voltage overshoot, even up to twice
the nominal input source voltage. Care must be taken in
suchsituationstoensurethattheabsolutemaximuminput
voltage rating of the LT3120 is not violated. See Analog
DevicesApplicationNote88forsolutionstoincreasedamp-
ing in the input filter and minimize this voltage overshoot.
Inductor Selection
The choice of inductor used in LT3120 application circuits
influences the maximum deliverable output current, the
converterbandwidth,themagnitudeoftheinductorcurrent
ripple and the overall converter efficiency. The inductor
must have a low DC series resistance, when compared to
the internal switch resistance (25mΩ), or output current
capability and efficiency will be compromised. Larger in-
ductor values reduce inductor current ripple but may not
increase output current capability as is the case with peak
current mode control. Larger value inductors also tend to
have a higher DC series resistance for a given case size,
which will have a negative impact on efficiency. Larger
values of inductance will also lower the right half plane
zero (RHPZ) frequency when operating in boost mode,
which can compromise loop stability. Nearly all LT3120
application circuits deliver the best performance with an
inductor value between 1.5µH and 15µH. Buck mode only
applications can use the larger inductor values as they are
unaffected by the RHPZ, while mostly boost applications
generally require inductance on the lower end of this range
depending on how large the step-up ratio is. Regardless
of inductor value, the saturation current rating should be
selected such that it is greater than the worst-case average
inductor current plus half of the ripple current.
The peak-to-peak inductor current ripple for each opera-
tional mode can be calculated using Equation 10, where
fSW is the programmed switching frequency, L is the
inductance and tLOW is the switch pin minimum low time,
typically 70ns.
ΔIL P-P
( ) BUCK
(
) ≅
VOUT
L
VIN −VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
1
fSW
− tLOW
⎛
⎝
⎜
⎞
⎠
⎟
ΔIL P-P
( ) BOOST
(
) ≅
VIN
L
VOUT −VIN
VOUT
⎛
⎝
⎜
⎞
⎠
⎟
1
fSW
− tLOW
⎛
⎝
⎜
⎞
⎠
⎟
(10)
It should be noted that the worst-case peak-to-peak in-
ductor ripple current occurs when the duty cycle in buck
mode is minimum (highest VIN) and in boost mode when
the duty cycle is 50% (VOUT ≅ 2 • VIN).
As an example, if VIN (minimum) = 2.5V and VIN (maxi-
mum) = 15V, VOUT = 5V, fSW = 1MHz and L = 4.7µH, the
peak-to-peakinductorripplesatthevoltageextremes(15V
VIN for buck and 2.5V VIN for boost). See Equation 11.
ΔIL P-P
( ) BUCK
(
) ≅
5V
4.7µH
15V−5V
15V
⎛
⎝
⎜
⎞
⎠
⎟•930ns = 659mA
ΔIL P-P
( ) BOOST
(
) ≅
2.5V
4.7µH
5V−2.5V
5V
⎛
⎝
⎜
⎞
⎠
⎟•930ns = 247mA
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com