Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 6Page - Analog Devices LTC3124 Datasheet HTML 7Page - Analog Devices LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices LTC3124 Datasheet HTML 10Page - Analog Devices LTC3124 Datasheet HTML 11Page - Analog Devices LTC3124 Datasheet HTML 12Page - Analog Devices LTC3124 Datasheet HTML 13Page - Analog Devices LTC3124 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LT3120
10
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode Operation No-Load
Input Current
PWM Mode No-Load
Input Current
PWM Mode Operation
0.5A to 5A Load Step, VIN = 12V,
VOUT = 5V
Burst Mode Operation
0.5A to 5A Load Step, VIN = 12V,
VOUT = 5V
VOUT = 5V
VOUT = 12V
VOUT = 20V
INPUT VOLTAGE (V)
2
5
8
11
14
17
20
23
26
0
50
100
150
200
250
300
3120 G45
VOUT = 5V
VOUT = 12V
VOUT = 15V
VOUT = 20V
INPUT VOLTAGE (V)
2
5
8
11
14
17
20
23
26
10
19
28
37
46
55
64
73
82
91
100
3120 G46
200µs/DIV
VOUT
250mV/DIV
3120 G47
INDUCTOR
CURRENT
5A/DIV
OUTPUT
CURRENT
5A/DIV
200µs/DIV
INDUCTOR
CURRENT
5A/DIV
OUTPUT
CURRENT
5A/DIV
VOUT
250mV/DIV
3120 G48
Burst Mode Operation
VOUT Ripple, VOUT = 5V
PWM Light Load Operation,
VOUT = 5V
2µs/DIV
VSW1
10V/DIV
VSW2
5V/DIV
VOUT
50mV/DIV
IL
1A/DIV
3120 G49
2µs/DIV
SW1
10V/DIV
SW2
5V/DIV
INDUCTOR
CURRENT
1A/DIV
3120 G50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com