Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 3 Page - Analog Devices

  LTC3124 Datasheet HTML 1Page - Analog Devices LTC3124 Datasheet HTML 2Page - Analog Devices LTC3124 Datasheet HTML 3Page - Analog Devices LTC3124 Datasheet HTML 4Page - Analog Devices LTC3124 Datasheet HTML 5Page - Analog Devices LTC3124 Datasheet HTML 6Page - Analog Devices LTC3124 Datasheet HTML 7Page - Analog Devices LTC3124 Datasheet HTML 8Page - Analog Devices LTC3124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LT3120
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. VIN = PVIN = 12V, PVOUT = 5V unless otherwise stated.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Operating Voltage
After Start-Up (Note 4)
l
2.5
0.5
26
26
V
V
Output Operating Range
l
0.8
24
V
VCC Undervoltage Lockout Threshold
VCC Rising
VCC Falling
l
l
2.2
2.35
2.25
2.4
V
V
VCC Undervoltage Lockout Hysteresis
100
mV
Input Current in Shutdown
EN/UVLO = 0V
3
µA
Input Current in Sleep
FB = 0.9V
30
µA
Oscillator Frequency
RT = 76.8kΩ
l
900
1000
1100
kHz
Oscillator Frequency Range
l
400
2000
kHz
SYNC/MODE Frequency Range
l
400
2000
kHz
SYNC/MODE Logic Threshold
l
0.3
0.7
1.1
V
SYNC/MODE Minimum Pulse Width
Minimum Low or High Duration
100
ns
Soft-Start Duration
6
ms
Feedback Voltage
l
787
779
795
795
803
811
V
V
FB Pin Input Current
1
50
nA
Error Amplifier Transconductance
120
µs
EN/UVLO Pin Input Logic Threshold
l
0.3
0.8
1.0
V
EN/UVLO Pin Comparator Threshold
Rising
Rising, –40°C ≤ TJ ≤ 125°C
l
1.169
1.169
1.205
1.258
1.241
V
V
EN/UVLO Pin Hysteresis Current
250
nA
EN/UVLO Pin Hysteresis Voltage
90
mV
PROG Pin Current
VISP – VISN = 25mV
VISP – VISN = 10mV
47.5
18
50
20
52.5
22
µA
µA
PROG Pin Threshold
l
779
795
811
V
MPPC Pin Threshold
l
774
795
822
V
PGOOD Threshold
Percent of FB Voltage Falling
l
–9.5
–8
–6.5
%
PGOOD Hysteresis
Percent of FB Voltage
1.2
%
PGOOD Pull-Down Resistance
100
250
Ω
PGOOD Leakage
VPGOOD = 24V
1
40
nA
Inductor Current Limit
Limit on Average (Not Peak) Inductor Current
l
8.25
9.5
A
Burst Mode Inductor Current Limit
Limit on Average (Not Peak) Inductor Current
1
A
Maximum Duty Cycle
Percentage of Period SW2 is Low in Boost Mode,
RT = 76.8kΩ (Note 4)
l
91
95
%
SW1, SW2 Minimum Low Time
(Note 4)
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com