Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 107Page - National Semiconductor (TI) PC8374L Datasheet HTML 108Page - National Semiconductor (TI) PC8374L Datasheet HTML 109Page - National Semiconductor (TI) PC8374L Datasheet HTML 110Page - National Semiconductor (TI) PC8374L Datasheet HTML 111Page - National Semiconductor (TI) PC8374L Datasheet HTML 112Page - National Semiconductor (TI) PC8374L Datasheet HTML 113Page - National Semiconductor (TI) PC8374L Datasheet HTML 114Page - National Semiconductor (TI) PC8374L Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 239 page
background image
6.0 General-Purpose Input/Output (GPIO) Ports (Continued)
Revision 1.1
111
www.national.com
The functionality of the GPIO port is divided into:
• Basic functionality: Includes configuration of, writing to and reading from the GPIO pins (described in Section 6.2)
• Enhanced functionality: Includes wake-up event detection and system notification (described in Section 6.3)
In addition, the GPIO port can be operated in one of the following modes:
• Separate Data I/O: Separate registers are available for Data In (GPDI) and for Data Out (GPDO) in addition to the Data
In/Out register (GPDIO) and to the enhanced functionality registers (GPEVST and GPEVEN).
• Common Data I/O: Only the Data In/Out register (GPDIO) is available.
6.2 BASIC FUNCTIONALITY
The basic functionality of each GPIO pin is based on four configuration bits and a bit slice of runtime registers GPDO and
GPDI (or GPDIO). The configuration and operation of a single pin GPIOXn (pin ‘n’ in port ‘X’) is shown in Figure 16 (note
that for clarity, the static pull-down resistor is not shown):
Figure 16. GPIO Basic Functionality
6.2.1
Configuration Options
The GPCFG1 register controls the following basic configuration options, as shown in Figure 16:
• Port Direction: Controlled by Output Enable (bit 0).
• Output Type: Push-pull vs. open-drain; it is controlled by Output Buffer Type (bit 1) by enabling/disabling the upper tran-
sistor of the output buffer.
• Static Pull-Up: May be added to any type of port (input, open-drain or push-pull). It is controlled by Pull-Up Control (bit 2)
• Pin Lock: GPIO pin may be locked to prevent any changes in the output value and/or the output configuration. The lock
is controlled by bit 3. It disables writes to GPDO and GPDIO registers bits, to bits 7, 3
−0 of GPCFG1 register (including
the Lock bit itself) and to bit 4 of GPCFG2 register.
Pin
Data Out
Data In
Output
Enable
Output
Lock
Type
Static
Pull-Up
Push-Pull =1
Pull-Up
Control
Read-only
Read/Write
(Bit 3)
(Bit 2)
(Bit 1)
(Bit 0)
Lock
Lock
Lock
(GPCFG1)
LPC Bus
Pin
(GPDI)
(GPDO)
Lock
VDD-Powered
Load
(Bit 4)
Lock
(GPCFG2)
No_Vdd
GPIO Pin Configuration Registers 1 and 2
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com