Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 122Page - National Semiconductor (TI) PC8374L Datasheet HTML 123Page - National Semiconductor (TI) PC8374L Datasheet HTML 124Page - National Semiconductor (TI) PC8374L Datasheet HTML 125Page - National Semiconductor (TI) PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) PC8374L Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 239 page
background image
7.0 Glue Functions (Continued)
www.national.com
126
Revision1.1
7.2.9
SMBus Isolation
When the Main power is off, this function performs “passive” bus isolation between the SMB1_SCL, SMB1_SDA signals and
the SMB2_SCL, SMB2_SDA signals respectively. The bus isolation enables the operation of the serial bus section connect-
ed to Standby power, if the other serial bus is connected to the Main power and the Main power is off.
The signals connected to the SMB1_SCL, SMB1_SDA, SMB2_SCL and SMB2_SDA pins are compatible Intel's SMBus
(Specification Rev 1.1, Dec. 11, 1998) two-wire synchronous serial interface specifications.
The SMB1_SCL and SMB2_SCL pins are connected through a switch. This switch is controlled by the voltage levels at the
SMB1_SCL and SMB2_SCL pins (for the DC characteristics, see Section 10.2.12 on page 216):
● For V
IN <VISC at either pin, the switch is closed; therefore, both pins (SMB1_SCL, and SMB2_SCL) are held at low
level.
● For V
IN >VISO at both pins, the switch is open; therefore, each pin is pulled up to high level by the external resistor
connected to VSUP1 (for the SMB1_SCL pin) and to VSUP2 (for the SMB2_SCL pin).
In addition, when the Main power supply voltage is not valid (PWRGD_PS = low), the switch is forced open and the unpow-
ered SMBx_SCL signal is disconnected from the powered SMBx_SCL signal (x is either 1 or 2). This isolation between the
two signals prevents the loading of the powered SMBx_SCL signal by the unpowered SMBx_SCL signal.
The SMB1_SDA and SMB2_SDA pins are connected through a similar level isolation circuit and behave like SMB1_SCL
and SMB2_SCL.
Figure 29 shows a simplified diagram of the circuit that performs SMBus isolation.
Figure 29. SMBus Isolation (Simplified Diagram)
For the AC characteristics, see “SMBus Voltage Translation and Isolation Timing” on page 235.
2.7 K
Ω
SMB2_Snn
VSUP2 (3.3V)
Pin
2.7 K
Ω
SMB1_Snn
VSUP1 (3.3V)
Pin
Snn = SCL or SDA
S
Control
Switch
PWRGD_PS
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com