Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 141 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 141 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 136Page - Analog Devices AD9161BBCZ Datasheet HTML 137Page - Analog Devices AD9161BBCZ Datasheet HTML 138Page - Analog Devices AD9161BBCZ Datasheet HTML 139Page - Analog Devices AD9161BBCZ Datasheet HTML 140Page - Analog Devices AD9161BBCZ Datasheet HTML 141Page - Analog Devices AD9161BBCZ Datasheet HTML 142Page - Analog Devices AD9161BBCZ Datasheet HTML 143Page - Analog Devices AD9161BBCZ Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 141 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
2
CKS6
Computed checksum status for
Lane 6 (ignore this output when
NO_ILAS = 1).
0x0
R
0 Checksum is incorrect.
1 Checksum is correct.
1
FS6
Frame sync status for Lane 6
(ignore this output when
NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
0
CGS6
Code group sync status for
Lane 6.
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
0x4B7 LINK_STATUS7
7
BDE7
Bad Disparity errors status for
Lane 7.
0x0
R
0 Error count < ETH[7:0] value.
1 Error count ≥ ETH[7:0] value.
6
NIT7
Not in table errors status for
Lane 7.
0x0
R
0 Error count < ETH[7:0] value.
1 Error count ≥ ETH[7:0] value.
5
UEK7
Unexpected K character errors
status for Lane 7
0x0
R
0 Error count < ETH[7:0] value.
1 Error count ≥ ETH[7:0] value.
4
ILD7
Interlane deskew status for
Lane 7 (ignore this output when
NO_ILAS = 1).
0x0
R
0 Deskew failed.
1 Deskew achieved.
3
ILS7
Initial lane synchronization
status for Lane 7 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
2
CKS7
Computed checksum status for
Lane 7 (ignore this output when
NO_ILAS = 1).
0x0
R
0 Checksum is incorrect.
1 Checksum is correct.
1
FS7
Frame sync status for Lane 7
(ignore this output when
NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
0
CGS7
Code group sync status for
Lane 7.
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
0x4B8 JESD_IRQ_ENABLEA
7
EN_BDE
Bad disparity error counter.
0x0
R/W
6
EN_NIT
Not in table error counter.
0x0
R/W
5
EN_UEK
Unexpected K error counter.
0x0
R/W
4
EN_ILD
Interlane deskew.
0x0
R/W
3
EN_ILS
Initial lane sync.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com