Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 142 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 142 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 136Page - Analog Devices AD9161BBCZ Datasheet HTML 137Page - Analog Devices AD9161BBCZ Datasheet HTML 138Page - Analog Devices AD9161BBCZ Datasheet HTML 139Page - Analog Devices AD9161BBCZ Datasheet HTML 140Page - Analog Devices AD9161BBCZ Datasheet HTML 141Page - Analog Devices AD9161BBCZ Datasheet HTML 142Page - Analog Devices AD9161BBCZ Datasheet HTML 143Page - Analog Devices AD9161BBCZ Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 142 of 142
Hex.
Addr.
Name
Bits Bit Name
Settings
Description
Reset
Access
2
EN_CKS
Good checksum. This is an
interrupt that compares two
checksums: the checksum that
the transmitter sent over the
link during the ILAS, and the
checksum that the receiver
calculated from the ILAS data
that the transmitter sent over
the link. Note that the
checksum IRQ never at any time
looks at the checksum that is
programmed over the SPI into
Register 0x45D. The checksum
IRQ only looks at the data sent
by the transmitter, and never
looks at any data programmed
via the SPI.
0x0
R/W
1
EN_FS
Frame sync.
0x0
R/W
0
EN_CGS
Code group sync.
0x0
R/W
0x4B9
JESD_IRQ_ENABLEB
[7:1] RESERVED
Reserved.
0x0
R
0
EN_ILAS
Configuration mismatch
(checked for Lane 0 only). The
ILAS IRQ compares the two sets
of ILAS data that the receiver
has: the ILAS data sent over the
JESD204B link by the
transmitter, and the ILAS data
programmed into the receiver via
the SPI (Register 0x450 to
Register 0x45D). If the data
differs, the IRQ is triggered.
Note that all of the ILAS data
(including the checksum) is
compared.
0x0
R/W
0x4BA JESD_IRQ_STATUSA
7
IRQ_BDE
Bad disparity error counter.
0x0
R/W
6
IRQ_NIT
Not in table error counter.
0x0
R/W
5
IRQ_UEK
Unexpected K error counter.
0x0
R/W
4
IRQ_ILD
Interlane deskew.
0x0
R/W
3
IRQ_ILS
Initial lane sync.
0x0
R/W
2
IRQ_CKS
Good checksum.
0x0
R/W
1
IRQ_FS
Frame sync.
0x0
R/W
0
IRQ_CGS
Code group sync.
0x0
R/W
0x4BB
JESD_IRQ_STATUSB
[7:1] RESERVED
Reserved.
0x0
R
0
IRQ_ILAS
Configuration mismatch
(checked for Lane 0 only).
0x0
R/W
0x800
HOPF_CTRL
[7:6] HOPF_MODE
00 Frequency switch mode.
0x0
R/W
01 Phase discontinuous switch.
Changes the frequency tuning
word and resets the phase
accumulator.
10 Reserved.
[5:0] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com