Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 144 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 144 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 136Page - Analog Devices AD9161BBCZ Datasheet HTML 137Page - Analog Devices AD9161BBCZ Datasheet HTML 138Page - Analog Devices AD9161BBCZ Datasheet HTML 139Page - Analog Devices AD9161BBCZ Datasheet HTML 140Page - Analog Devices AD9161BBCZ Datasheet HTML 141Page - Analog Devices AD9161BBCZ Datasheet HTML 142Page - Analog Devices AD9161BBCZ Datasheet HTML 143Page - Analog Devices AD9161BBCZ Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 144 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 144 of 144
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9161BBCZ
−40°C to +85°C
169-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-169-2
AD9161BBCZRL
−40°C to +85°C
169-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-169-2
AD9162BBCZ
−40°C to +85°C
165-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-165-1
AD9162BBCZRL
−40°C to +85°C
165-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-165-1
AD9162BBCAZ
−40°C to +85°C
169-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-169-2
AD9162BBCAZRL
−40°C to +85°C
169-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-169-2
AD9162BBCA
−40°C to +85°C
169-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-169-2
AD9162BBCARL
−40°C to +85°C
169-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-169-2
AD9161-FMCC-EBZ
Evaluation Board with Balun and Match Optimized for Wider
Output Bandwidth
AD9162-FMC-EBZ
Evaluation Board for 8 mm × 8 mm Package with High
Accuracy Balance Balun
AD9162-FMCB-EBZ
Evaluation Board for 8 mm × 8 mm Package with Balun and
Match Optimized For Wider Output Bandwidth
AD9162-FMCC-EBZ
Evaluation Board for 11 mm × 11 mm Package with Balun and
Match Optimized for Wider Output Bandwidth
1
Z = RoHS Compliant Part.
©2016–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14379-0-5/19(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com