Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 31 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 27Page - Analog Devices ADFS5758 Datasheet HTML 28Page - Analog Devices ADFS5758 Datasheet HTML 29Page - Analog Devices ADFS5758 Datasheet HTML 30Page - Analog Devices ADFS5758 Datasheet HTML 31Page - Analog Devices ADFS5758 Datasheet HTML 32Page - Analog Devices ADFS5758 Datasheet HTML 33Page - Analog Devices ADFS5758 Datasheet HTML 34Page - Analog Devices ADFS5758 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 31 of 75
THEORY OF OPERATION
The ADFS5758 is a single-channel, precision voltage and
current output DAC, designed to meet the requirements of
industrial factory automation and process control applications.
The ADFS5758 provides a high precision, fully integrated, single-
chip solution for generating a unipolar/bipolar current or
voltage output. Package power dissipation is minimized by
incorporating on-chip DPC, which is achieved by regulating
the supply voltage (VDPC+) to the VIOUT output driver from
4.95 V to 27 V using a buck dc-to-dc converter, optimized for
minimum on-chip power dissipation. The ADFS5758 consists
of a two-die solution with the dc-to-dc converter circuitry and
the VIOUT line protector located on the dc-to-dc die, and the
remaining circuitry on the main die. Interdie communication is
performed over an internal 3-wire interface.
FUNCTIONAL SAFETY OPERATION
The ADFS5758 is a DAC that features integrated monitoring
function and diagnostics. The ADFS5758 meets all relevant
requirements of IEC 61508 and is approved by TÜV Rheinland.
The ADFS5758 meets SIL 2 for a nonredundant configuration
in terms of the hardware fault metrics (PFH, SFF) and systematic
capability of SC3 in terms of avoidance of systematic errors
according to IEC 61508. The ADFS5758 features an integrated
independent ADC for enhanced diagnostic measurements. The
safety function defined for the ADFS5758 takes a digital input
code and produces an output unipolar current to within ±2.5%
of the full-scale range, proportional to the digital input code.
For example, 2.5% of a 4 mA to 20 mA range is 400 µA.
Therefore, the output current is within ±400 µA of the
programmed output. If the safety function is compromised (a
fault is detected in the system), the safe state for the ADFS5758
is open circuit/high impedance. The diagnostic coverage (DC)
of the ADFS5758 for an assumed use case is >90%. A detailed
description of the configuration, operation, SFF calculations,
FIT data, and other required metrics for the ADFS5758 in a
functionally safe application can be found in the ADFS5758
Safety Manual (available by request). Die and pin FME(D)As
have also been completed and are available (in addition to the
Safety Manual) on request from Analog Devices, Inc.
DAC ARCHITECTURE
The DAC core architecture of the ADFS5758 consists of a
voltage mode R-2R ladder network. The voltage output of the
DAC core is converted to either a current or voltage output at
the VIOUT pin. Only one mode can be enabled at any one time.
Both the voltage and current output stages are supplied by the
VDPC+ power rail (internally generated from AVDD1) and the
AVSS rail.
Current Output Mode
If current output mode is enabled, the voltage output from the
DAC is converted to a current (see Figure 74), which is then
mirrored to the supply rail so that the application only sees a
current source output.
The current ranges available are 0 mA to 20 mA, 0 mA to
24 mA, 4 mA to 20 mA, ±20 mA, ±24 mA and −1 mA to
+22 mA. An internal or external 13.7 kΩ RSET resistor can be
used for the voltage to current conversion.
RB
VIOUT
RSET
Vx
AVSS
AVDD1
R1
R4
R2
R3
RA
IOUT
OPEN FAULT
16-BIT
DAC
Figure 74. Voltage-to-Current Conversion Circuitry
Voltage Output Mode
If voltage output mode is enabled, the voltage output from the
DAC is buffered and scaled to output a software-selectable
unipolar or bipolar voltage range (see Figure 75).
The voltage ranges available are 0 V to 5 V, ±5 V, 0 V to 10 V,
and ±10 V. A 20% overrange feature is also available (via the
DAC_CONFIG register) as well as the facility to negatively
offset the unipolar voltage ranges via the GP_CONFIG1
register (see the General-Purpose Configuration 1 Register
section).
RANGE
SCALING
DAC
VOUT SHORT FAULT
+VSENSE
–VSENSE
VIOUT
Figure 75. Voltage Output
Reference
The ADFS5758 can operate with either an external or internal
reference. The reference input requires a 2.5 V reference for
specified performance. This input voltage is then internally
buffered before it is applied to the DAC.
The ADFS5758 contains an integrated buffered 2.5 V voltage
reference that is externally available for use elsewhere within
the system. The internal reference drives the integrated 12-bit
ADC. REFOUT must be connected to REFIN to use the
internal reference to drive the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com